データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS68882MR33 データシート(PDF) 7 Page - ATMEL Corporation

部品番号 TS68882MR33
部品情報  CMOS Enhanced Floating-point Co-processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68882MR33 データシート(HTML) 7 Page - ATMEL Corporation

Back Button TS68882MR33 Datasheet HTML 3Page - ATMEL Corporation TS68882MR33 Datasheet HTML 4Page - ATMEL Corporation TS68882MR33 Datasheet HTML 5Page - ATMEL Corporation TS68882MR33 Datasheet HTML 6Page - ATMEL Corporation TS68882MR33 Datasheet HTML 7Page - ATMEL Corporation TS68882MR33 Datasheet HTML 8Page - ATMEL Corporation TS68882MR33 Datasheet HTML 9Page - ATMEL Corporation TS68882MR33 Datasheet HTML 10Page - ATMEL Corporation TS68882MR33 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
TS68882
2119A–HIREL–04/02
Package
The macrocircuits are packaged in hermetically sealed ceramic packages which are
conform to case outlines of MIL-STD-1835 (when defined):
68-PIN SQ.PGA UP PAE Outline
68-PIN Ceramic Quad Flat Pack CQFP
The precise case outlines are described on Figure 23 and Figure 24.
Electrical
Characteristics
Recommended Condition of
Use
Unless otherwise stated, all voltages are referenced to the reference terminal (see
Table 1).
Notes:
1. Test load, see Figure 5.
2. Capacitance is periodically sampled rather than 100% tested.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Max
Unit
VCC
Supply Voltage
-0.3
+7.0
V
VI
Input Voltage
-0.3
+7.0
V
P
DMAX
Max Power Dissipation
T
CASE =-55°Cto
+125°C
0.75
W
TCASE
Operating Temperature
M Suffix
-55
+125
°C
VSuffix
-40
+85
°C
TSTG
Storage Temperature
-55
+150
°C
TLEADS
Lead Temperature
Max 5 sec. Soldering
+270
°C
Table 3. DC Electrical Characteristics
V
CC =5.0 VDC ± 10%; GND = 0 VDC;Tc= -55°C to +125°C
Symbol
Parameter
Min
Max
Unit
V
CC
Supply Voltage
4.5
5.5
V
T
CASE
Operating Temperature
-55
+125
°C
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND - 0.3
0.8
V
IIN
Input Leakage Current at 5.5V CLK, RESET,R/W,A0-A4, CS,DS, AS, SIZE
10
µA
ITSI
HI-Z (Off state) Input Current at 2.4V/0.4V DSACK0, DSACK1,D0-D31
20
µA
V
OH
Output High Voltage (IOH = -400 µA)
(1) DSACK0, DSACK1,D0-D31
2.4
V
V
OL
Output Low Voltage (IOL = 5.3 mA)
(1) DSACK0, DSACK1,D0-D31
0.5
V
IOL
Output Low Current (VOL = GND) SENSE
500
µA
PD
Power Dissipation
0.75
W
CIN
Capacitance (VIN =0, TA =25°C, f = 1 MHz)
(2)
20
pF
CL
Output Load Capacitance
130
pF


同様の部品番号 - TS68882MR33

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

同様の説明 - TS68882MR33

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com