データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC16011A-SYR データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 MC16011A-SYR
部品情報  EVERBOUQUET INTERNATIONAL CO., LTD.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MC16011A-SYR データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  MC16011A-SYR Datasheet HTML 1Page - List of Unclassifed Manufacturers MC16011A-SYR Datasheet HTML 2Page - List of Unclassifed Manufacturers MC16011A-SYR Datasheet HTML 3Page - List of Unclassifed Manufacturers MC16011A-SYR Datasheet HTML 4Page - List of Unclassifed Manufacturers MC16011A-SYR Datasheet HTML 5Page - List of Unclassifed Manufacturers MC16011A-SYR Datasheet HTML 6Page - List of Unclassifed Manufacturers MC16011A-SYR Datasheet HTML 7Page - List of Unclassifed Manufacturers MC16011A-SYR Datasheet HTML 8Page - List of Unclassifed Manufacturers MC16011A-SYR Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4. Mechanical data
(1) NUMBER OF DOT--------------------------------- 16 CH * 1 LINE
(2) MODULE SIZE ------------------------------------- 80.0 W *36.0 H * “C” T(max) mm
(3) EFFECTIVE AREA -------------------------------- 64.5 W * 16.0 H mm
(4) CHARACTER PATTERN ------------------------- 5 * 7 DOTS + CURSOR
(5) CHARACTER SIZE-------------------------------- 3.07 W * 5.73 H mm
(6) CHARACTER PITCH ----------------------------- 3.77 mm
(7) DOT SIZE -------------------------------------------- 0.55 W * 0.75 H mm
(8) DOT PITCH ----------------------------------------- 0.63W * 0.83H mm
NOTE:The dimension of ”C”,please refer to Outline dimension on PAGE 8/9
MC16011A-SERIES-1
PAGE: 4/9


同様の部品番号 - MC16011A-SYR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MC1602-18 ETC1-MC1602-18 Datasheet
25Kb / 1P
   Standard LCD Module
MC16021E8 ETC2-MC16021E8 Datasheet
610Kb / 10P
   Midas Components Ltd
MC16021E8-SYL ETC2-MC16021E8-SYL Datasheet
610Kb / 10P
   Midas Components Ltd
MC1604-02 ETC1-MC1604-02 Datasheet
76Kb / 1P
   Standard LCD module
More results

同様の説明 - MC16011A-SYR

メーカー部品番号データシート部品情報
logo
Sensortechnics GmbH
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
   Quantum Semiconductor International Co., Ltd.
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
   Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
   Quantum Semiconductor International Co., Ltd.
logo
List of Unclassifed Man...
Z10L431 ETC1-Z10L431 Datasheet
455Kb / 7P
   Power products international ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com