データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP27AZ データシート(PDF) 8 Page - Analog Devices

部品番号 OP27AZ
部品情報  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP27AZ データシート(HTML) 8 Page - Analog Devices

Back Button OP27AZ Datasheet HTML 4Page - Analog Devices OP27AZ Datasheet HTML 5Page - Analog Devices OP27AZ Datasheet HTML 6Page - Analog Devices OP27AZ Datasheet HTML 7Page - Analog Devices OP27AZ Datasheet HTML 8Page - Analog Devices OP27AZ Datasheet HTML 9Page - Analog Devices OP27AZ Datasheet HTML 10Page - Analog Devices OP27AZ Datasheet HTML 11Page - Analog Devices OP27AZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OP27
Rev. F | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
100
90
80
70
60
50
40
30
0.01
0.1
1
10
100
FREQUENCY (Hz)
TEST TIME OF 10sec FURTHER
LIMITS LOW FREQUENCY
(<0.1Hz) GAIN
Figure 4. 0.1 Hz to 10 Hz p-p Noise Tester Frequency Response
10
9
8
7
6
5
4
3
2
1
1
10
100
1k
FREQUENCY (Hz)
I/F CORNER = 2.7Hz
TA = 25°C
VS = ±15V
Figure 5. Voltage Noise Density vs. Frequency
INSTRUMENTATION
RANGE TO DC
AUDIO RANGE
TO 20kHz
741
OP27 I/F CORNER
I/F CORNER = 2.7Hz
I/F CORNER
LOW NOISE
AUDIO OP AMP
100
10
1
1
10
100
1k
FREQUENCY (Hz)
Figure 6. A Comparison of Op Amp Voltage Noise Spectra
10
1
0.1
0.01
100
1k
10k
100k
BANDWIDTH (Hz)
TA = 25°C
VS = ±15V
Figure 7. Input Wideband Voltage Noise vs. Bandwidth (0.1 Hz to Frequency
Indicated)
100
10
1
100
1k
10k
SOURCE RESISTANCE (
Ω)
TA = 25°C
VS = ±15V
R2
R1
RS – 2R1
RESISTOR NOISE ONLY
AT 1kHz
AT 10Hz
Figure 8. Total Noise vs. Sourced Resistance
5
4
3
2
1
–50
0
–25
100
75
50
25
125
TEMPERATURE (
°C)
AT 10Hz
AT 1kHz
VS = ±15V
Figure 9. Voltage Noise Density vs. Temperature


同様の部品番号 - OP27AZ

メーカー部品番号データシート部品情報
logo
Analog Devices
OP27AZ AD-OP27AZ Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27AZ MAXIM-OP27AZ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27AZ AD-OP27AZ Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27AZ AD-OP27AZ Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27AZ-883C AD-OP27AZ-883C Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

同様の説明 - OP27AZ

メーカー部品番号データシート部品情報
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com