データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP27GS データシート(PDF) 9 Page - Analog Devices

部品番号 OP27GS
部品情報  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP27GS データシート(HTML) 9 Page - Analog Devices

Back Button OP27GS Datasheet HTML 5Page - Analog Devices OP27GS Datasheet HTML 6Page - Analog Devices OP27GS Datasheet HTML 7Page - Analog Devices OP27GS Datasheet HTML 8Page - Analog Devices OP27GS Datasheet HTML 9Page - Analog Devices OP27GS Datasheet HTML 10Page - Analog Devices OP27GS Datasheet HTML 11Page - Analog Devices OP27GS Datasheet HTML 12Page - Analog Devices OP27GS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
OP27
Rev. F | Page 9 of 20
TOTAL SUPPLY VOLTAGE, V+ – V–, (V)
5
4
3
2
1
040
TA = 25°C
10
20
30
AT 10Hz
AT 1kHz
Figure 10. Voltage Noise Density vs. Supply Voltage
10.0
0.1
10
10k
FREQUENCY (Hz)
I/F CORNER = 140Hz
1.0
100
1k
Figure 11. Current Noise Density vs. Frequency
5.0
1.0
545
60
–70
–75
175
TEMPERATURE (
°C)
OP27C
TOTAL SUPPLY VOLTAGE (V)
TA = –55°C
TA = +125°C
4.0
3.0
2.0
15
25
35
TA = +25°C
Figure 12. Supply Current vs. Supply Voltage
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
OP27A
OP27A
OP27A
OP27C
–50
–25
0
25
50
75
100
125
150
TRIMMING WITH
10k
Ω POT DOES
NOT CHANGE
TCVOS
Figure 13. Offset Voltage Drift of Five Representative Units vs. Temperature
6
–6
07
TIME (Months)
4
2
0
–2
–4
–6
6
4
2
0
–2
–4
123
45
6
Figure 14. Long-Term Offset Voltage Drift of Six Representative Units
1
0
5
TIME AFTER POWER ON (Min)
TA = 25°C
VS = 15V
10
5
12
34
OP27 F
OP27 A/E
OP27 C/G
Figure 15. Warm-Up Offset Voltage Drift


同様の部品番号 - OP27GS

メーカー部品番号データシート部品情報
logo
Analog Devices
OP27GS AD-OP27GS Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27GS MAXIM-OP27GS Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27GS AD-OP27GS Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27GS AD-OP27GS Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27GS-REEL AD-OP27GS-REEL Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

同様の説明 - OP27GS

メーカー部品番号データシート部品情報
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com