データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LZH1 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LZH1
部品情報  Installation and adjusting instructions LZ metal-enclosed switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

LZH1 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LZH1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZH1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PK 88142
MODULAR PARTS
complete switch = operating head + base receptacle + switch body
Complete Switch
LZA 1
LZC 1
LZD 1
LZV 1
LZE 1
LZF 1
LZG 1
LZW 1
LZH 1
LZL1-6 C
Side Rotary
Top Plain Plunger
Description
Top Roller Plunger, roller parallel to mounting surface
Adjustable Top Plunger
Side Plain Plunger
Side Roller Plunger, roller parallel to mounting surface
Side Roller Plunger, roller perpendicular to mounting surface
Adjustable Side Plunger
Side Palm Plunger
Side Lever with lever bracket
Description
Body with basic switch (Buna-N seal)
Body with basic switch (Fluorocarbon seal)
Base Receptacle
Adapter Plate
Lever bracket (without lever)
Lever arm for above
Nylon roller
Steel roller
Boot for plungers
Plastic wobble stick
Spring wire wobble stick
1¼ inch buttons
Black
Red
Yellow
1½ inch buttons
Black
Red
Yellow
Catalog Listing
LZZ2 1
LZZ2 2
LZZ41
LZZ4 2
LZZ4 3
LZZ56 C
LZZ56 D
LZZ4 4
LZZ57 B
LZZ57 M
PWMZ22
PWMZ2 3
PWMZ2 5
PWMZ3 2
PWMZ3 3
PWMZ35
MICRO SWITCH WORLDWIDE SALES AND
SERVICE
MICRO SWITCH serves its customer through
a worldwide network of sales offices and dis-
tributors. For application assistance, pricing
or name of nearest Authorized Distributor,
contact a nearby MICRO SWITCH sales
office. Or, write MICRO SWITCH, Freeport,
Illinois 61032; phone 815/235-6600.
While we provide application assistance on
MICRO SWITCH products, personally and
through our literature, it is up to the customer
to determine the suitability of the product in
his application.
Operating Head Only
LZZ1 A
LZZ1 C
LZZ1 D
LZZ1V
LZZ1E
LZZ1 F
LZZ1G
LZZ1W
LZZ1 H
LZZ1M-6C
REPLACEMENT LEVERS FOR
SIDE ROTARY
To order replacement levers,
order the same part number as
that which is metal stamped on
either the lever or lever hub. For
other variations of levers, refer
to Heavy Duty LS in Catalog 40.
Sensing & Control
a Honeywell Division
Installation and adjusting instructions
LZ metal-enclosed switches
MOUNTIN G
LZ may be mounted without unplugging the
body from the base receptacle. Use two M5 or
#10 screws that are at least 32mm (1.25 in.)
long. A third mounting screw may be used by
removing the knockout in the lower right
corner. Refer to Figure 1.
WIRING
Up to 3mm or AWG12 wire may be used for
wiring to the self-lifting pressure plate-type
screw terminals. Maximum width of spade
connectors or diameter of ring connectors is
8mm (.312 in.). A ground terminal, which is
colored green for easy identification, also has
self-lifting pressure plate-type construction
(refer to Figure 1.).
After wiring, securely tighten the captive
screws in the plug-in unit for effective seal-
ing. Also plug conduit opening with sealant to
ensure proper sealing.
ADJUSTMENT INSTRUCTIONS
Actuator Head
All LZ actuator heads can be positioned in
any of four directions. Loosen the four cap-
tive head screws, place the head in the desired
position, and securely tighten the screws.
Refer to Figure 2.
Top Roller Plunger
Position the top roller plunger in the desired
plane by locating the head as outlined under
Actuator Head.
POSITIONING LEVER OF ROTARY TYPE
The lever on rotary switches is adjustable to
any angular position through 360°. Levers
are reversible, they can also be shifted axially
through approximately 3,2mm (.125 in.) on
the shaft. To adjust, or to assemble to switch,
loosen the screw with a 9/64 hexagon key
wrench, move the lever to the desired posi-
tion, and securely tighten the screw. The
lever should be tightened until the "teller tab"
can no longer be moved by hand. Hex key
wrenches are provided in adjusting tool set
LSZ4005.
PK 88142
PK 8814 2 880 PRINTED IN USA


同様の部品番号 - LZH1

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
LZH1 HONEYWELL-ACC-LZH1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

同様の説明 - LZH1

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
   Installation Instructions
logo
Littelfuse
SE-IP65CVR-G-SE-330 LITTELFUSE-SE-IP65CVR-G-SE-330 Datasheet
82Kb / 2P
   WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
march 2011
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
Littelfuse
SE-IP65CVR-M LITTELFUSE-SE-IP65CVR-M Datasheet
178Kb / 2P
   WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
OCTOBER 2011
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Emerson Network Power
GLQ110 EMERSON-NETWORKPOWER-GLQ110 Datasheet
12Mb / 109P
   GLQ110 Series Installation & Operating Instructions
Rev 2 12/29/09
logo
List of Unclassifed Man...
EOT16U3P3-S ETC2-EOT16U3P3-S Datasheet
1Mb / 16P
   enclosed switches
logo
SL Power Electronics
GLC50A SLPOWER-GLC50A Datasheet
58Kb / 1P
   INSTALLATION INSTRUCTIONS GLC50 MULTI OUTPUT SERIES
logo
Honeywell Solid State E...
BAF HONEYWELL-BAF Datasheet
2Mb / 11P
   High Capacity Enclosed Switches
May 2015
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com