データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST4000NM0033 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 ST4000NM0033
部品情報  Capacity-Optimised Enterprise Hard Drive for Bulk-Data Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ST4000NM0033 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  ST4000NM0033 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST4000NM0033 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST4000NM0033 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
6Gb/s SAS
4TB1,2
3TB1,2
2TB1
1TB1
Standard Model Number
ST4000NM0023
ST3000NM0023
ST2000NM0023
ST1000NM0023
SED Model Number
ST4000NM00433
ST3000NM00433
ST2000NM00433
ST1000NM00433
SED-FIPS Model Number
ST4000NM00633,4
ST3000NM00633,4
ST2000NM00633,4
ST1000NM00633,4
Features
Protection Information (T10 DIF)
Yes
Yes
Yes
Yes
Humdity Sensor
Yes
Yes
Yes
Yes
Super Parity
Yes
Yes
Yes
Yes
Low Halogen
Yes
Yes
Yes
Yes
PowerChoice™ Technology
Yes
Yes
Yes
Yes
Cache, Multi-segmented (MB)
128
128
128
128
Reliability/Data Integrity
Mean Time Between Failures (MTBF, hours)
1.4 million
1.4 million
1.4 million
1.4 million
Reliability Rating at Full 24x7 Operation (AFR)
0.63%
0.63%
0.63%
0.63%
Non-recoverable Read Errors per Bits Read
1 sector per 1015
1 sector per 1015
1 sector per 1015
1 sector per 1015
Power-On Hours per Year
8,760
8,760
8,760
8,760
Bytes per Sector
512, 520, 528
512, 520, 528
512, 520, 528
512, 520, 528
Limited Warranty (years)5
5
5
5
5
Performance
Spindle Speed (RPM)
7,200
7,200
7,200
7,200
Max. Sustained Transfer Rate OD (MB/s)
175
175
175
175
Average Latency (ms)
4.16
4.16
4.16
4.16
Interface Ports
Dual
Dual
Dual
Dual
Rotational Vibration @ 1,500 Hz (rad/s²)
12.5
12.5
12.5
12.5
Power Consumption
Idling Power (W)
7.80
6.74
5.78
4.84
Typical Operating, Random Read (W)
11.86
10.72
9.59
8.93
Power Supply Requirements
+12V and +5V
+12V and +5V
+12V and +5V
+12V and +5V
Environmental
Temperature, Operating (°C)
5 to 60
5 to 60
5 to 60
5 to 60
Vibration, Non-operating: <5 Hz to 500 Hz (Gs)
0.25
0.25
0.25
0.25
Shock, Operating, 2ms (Read/Write) (Gs)
70/40
70/40
70/40
70/40
Shock, Non-operating, 1ms and 2ms (Gs)
300
300
300
300
Physical
Height (in/mm, max)6
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
Width (in/mm, max)6
4.010/101.85
4.010/101.85
4.010/101.85
4.010/101.85
Depth (in/mm, max)6
5.878/147.0
5.878/147.0
5.878/147.0
5.878/147.0
Weight (lb/g)
1.543/700
1.444/655
1.400/635
1.334/605
Carton Unit Quantity
20
20
20
20
Cartons per Pallet
40
40
40
40
Cartons per Layer
8
8
8
8
1
One gigabyte, or GB, equals one billion bytes; and one terabyte, equals one trillion bytes when referring to drive capacity.
2
Seagate recommends validating your configuration with your HBA/RAID controller manufacturer to ensure full capacity capabilities.
3
Self-Encrypting Drives (SED) and FIPS 140-2 Validated drives are not available in all models or countries; may require TCG-compliant host
or controller support.
4
FIPS 140-2 in review. See FIPS 140-2 Level 2 Certificate at: http://csrc.nist.gov/groups/STM/cmvp/documents/140-1/1401val2011.htm#1635
5
Capacity-optimised products delivered between 31 December 2011 and 30 June 2012 have a three-year limited warranty. Capacity-optimised
products delivered before 31 December 2011 or after 30 June 2012 have a five-year limited warranty.
6
These base deck dimensions conform to the Small Form Factor Standard (SFF-8201) found at www.sffcommittee.org. For connector-related
dimensions, see SFF-8223.
Constellation® ES.3
AMERICAS
Seagate Technology LLC 10200 South De Anza Boulevard, Cupertino, California 95014, United States, +1 408 658 1000
ASIA/PACIFIC
Seagate Singapore International Headquarters Pte. Ltd. 7000 Ang Mo Kio Avenue 5, Singapore 569877, +65 6485 3888
EUROPE, MIDDLE EAST AND AFRICA
Seagate Technology SAS 16-18 rue du Dôme, 92100 Boulogne-Billancourt, France, +33 1 41 86 10 00
©2012SeagateTechnologyLLC.Allrightsreserved.PrintedinUSA.Seagate,SeagateTechnologyandtheWavelogoareregisteredtrademarksofSeagateTechnologyLLCintheUnitedStatesand/orothercountries.
ConstellationandPowerChoiceareeithertrademarksorregisteredtrademarksofSeagateTechnologyLLCoroneofitsaffiliatedcompaniesintheUnitedStatesand/orothercountries.TheFIPSlogoisacertificationmarkof
NIST,whichdoesnotimplyproductendorsementbyNIST,norbytheUSorCanadiangovernments.Allothertrademarksorregisteredtrademarksarethepropertyoftheirrespectiveowners.Whenreferringtodrivecapacity,
onegigabyte,orGB,equalsonebillionbytes;andoneterabyte,orTB,equalsonetrillionbytes.Yourcomputeroperatingsystemmayuseadifferentstandardofmeasurementandreportalowercapacity.Inaddition,some
ofthelistedcapacityisusedforformattingandotherfunctions,andthuswillnotbeavailablefordatastorage.Actualdataratesmayvarydependingonoperatingenvironmentandotherfactors.Theexportorre-exportof
hardwareorsoftwarecontainingencryptionmayberegulatedbytheUSDepartmentofCommerce,BureauofIndustryandSecurity(formoreinformation,visitwww.bis.doc.gov),andcontrolledforimportanduseoutside
theUSA.Seagatereservestherighttochange,withoutnotice,productofferingsorspecifications.DS1769.1-1210GB,October2012
www.seagate.com


同様の部品番号 - ST4000NM0033

メーカー部品番号データシート部品情報
logo
Littelfuse
ST40002B LITTELFUSE-ST40002B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
More results

同様の説明 - ST4000NM0033

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
MG04ACAXXXN TOSHIBA-MG04ACAXXXN Datasheet
171Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: January, 2018
MG07ACA TOSHIBA-MG07ACA Datasheet
194Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: December, 2018
MG03ACAXXX TOSHIBA-MG03ACAXXX Datasheet
593Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 00
MG08 TOSHIBA-MG08 Datasheet
251Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: September, 2019
MG04ACAXXX TOSHIBA-MG04ACAXXX Datasheet
598Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 00
logo
Schneider Electric
CFS400A SCHNEIDER-CFS400A Datasheet
74Kb / 1P
   Large Capacity Coriolis flowmeter for bulk transfer and custody transfer applications
Apr 26, 2022
logo
List of Unclassifed Man...
TUD4010 ETC-TUD4010 Datasheet
576Kb / 3P
   The high performanceblade server for enterprise,data center and HPC applications
logo
American Electronic Com...
DG28 AEC-DG28 Datasheet
213Kb / 2P
   optimised for DC switching
logo
List of Unclassifed Man...
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
Western Digital Corpora...
WD4002FYYZ WESTERN-WD4002FYYZ Datasheet
382Kb / 2P
   WD Gold™ Enterprise-class Hard Drives
August 2017
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com