データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20154MH データシート(PDF) 2 Page - Texas Instruments

部品番号 LM20154MH
部品情報  LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20154MH データシート(HTML) 2 Page - Texas Instruments

  LM20154MH Datasheet HTML 1Page - Texas Instruments LM20154MH Datasheet HTML 2Page - Texas Instruments LM20154MH Datasheet HTML 3Page - Texas Instruments LM20154MH Datasheet HTML 4Page - Texas Instruments LM20154MH Datasheet HTML 5Page - Texas Instruments LM20154MH Datasheet HTML 6Page - Texas Instruments LM20154MH Datasheet HTML 7Page - Texas Instruments LM20154MH Datasheet HTML 8Page - Texas Instruments LM20154MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
FB
PGOOD
COMP
NC
PVIN
PVIN
SW
SS/TRK
AVIN
VCC
EN
PGND
PGND
SW
AGND
SYNCOUT
EP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LM20154
SNVS531G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
HTSSOP Package
PIN DESCRIPTIONS
Pin #
Name
Description
1
SS/TRK
Soft-Start or Tracking control input. An internal 5 µA current source charges an external capacitor to set the
Soft-Start ramp rate. If driven by a external source less than 800 mV, this pin overrides the internal reference
that sets the output voltage. If left open, an internal 1ms Soft-Start ramp is activated.
2
FB
Feedback input to the error amplifier from the regulated output. This pin is connected to the inverting input of
the internal transconductance error amplifier. An 800 mV reference connected to the non-inverting input of the
error amplifier sets the closed loop regulation voltage at the FB pin.
3
PGOOD
Power good output signal. Open drain output indicating the output voltage is regulating within tolerance. A
pull-up resistor of 10 to 100 k
Ω is recommend for most applications.
4
COMP
External compensation pin. Connect a resistor and capacitor to this pin to compensate the device.
5
NC
These pins must be connected to GND to ensure proper operation.
6,7
PVIN
Input voltage to the power switches inside the device. These pins should be connected together at the device.
A low ESR capacitor should be placed near these pins to stabilize the input voltage.
8,9
SW
Switch pin. The PWM output of the internal power switches.
10,11
PGND
Power ground pin for the internal power switches.
12
EN
Precision enable input for the device. An external voltage divider can be used to set the device turn-on
threshold. If not used the EN pin should be connected to PVIN.
13
VCC
Internal 2.7V sub-regulator. This pin should be bypassed with a 1 µF ceramic capacitor.
14
AVIN
Analog input supply that generates the internal bias. Must be connected to VIN through a low pass RC filter.
15
AGND
Quiet analog ground for the internal bias circuitry.
16
SYNCOUT
Frequency synchronization output. This NMOS open drain output provides a signal that has the same
frequency as the internal oscillator, but is shifted by 180 degrees.
EP
Exposed Pad
Exposed metal pad on the underside of the package with a weak electrical connection to ground. It is
recommended to connect this pad to the PC board ground plane in order to improve heat dissipation.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20154


同様の部品番号 - LM20154MH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20154MH NSC-LM20154MH Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MH NSC-LM20154MH Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MHE NSC-LM20154MHE Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MHE NSC-LM20154MHE Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MHX NSC-LM20154MHX Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
More results

同様の説明 - LM20154MH

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20154 TI-LM20154_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
logo
National Semiconductor ...
LM20154 NSC-LM20154_08 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
[Old version datasheet]   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com