データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCRNLA06G0104B0E データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 MCRNLA06G0104B0E
部品情報  Thick Film Chip Resistors MCRNL Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MCRNLA06G0104B0E データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  MCRNLA06G0104B0E Datasheet HTML 1Page - List of Unclassifed Manufacturers MCRNLA06G0104B0E Datasheet HTML 2Page - List of Unclassifed Manufacturers MCRNLA06G0104B0E Datasheet HTML 3Page - List of Unclassifed Manufacturers MCRNLA06G0104B0E Datasheet HTML 4Page - List of Unclassifed Manufacturers MCRNLA06G0104B0E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use
of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2011.
Thick Film Chip Resistors
MCRNL Series
Page <5>
06/09/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Resistor Size
: RNL = Resistors Network Low Profile
Circuit Type
: A = Single Common, B = Isolated
Wattage
: 05 = 5 pins
06 = 6 pins
08 = 8 pins
09 = 9 pins
10 = 10 pins
Tolerance
: G = ±2%
Resistance Value
: E-24 series:
1st digit is "0"
2nd and 3rd digits are significant
figures of the resistance
4th indicates the number of zeros
"J" to 0.1, "K" to 0.01, "L" to 0.001
Ex. 012J to 1
Ω2, 226K to 2Ω26
Packing Type
: B = Bulk / Box
Packing Quantity
: 0 = NIL
Special Feature
: E = Lead (Pb) Free Plating Type
Part Number Explanation:
RNL
Circuit
Type
Resistor Size
A
Wattage
05
Tolerance
G
Packing Type
B
Packing
Quantity
0
Special
Feature
E
0103
Resistance
Value
MC


同様の部品番号 - MCRNLA06G0104B0E

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
MCRN100-6 JIANGSU-MCRN100-6 Datasheet
471Kb / 4P
   Plastic-Encapsulate Thyristors
MCRN100-8 JIANGSU-MCRN100-8 Datasheet
471Kb / 4P
   Plastic-Encapsulate Thyristors
More results

同様の説明 - MCRNLA06G0104B0E

メーカー部品番号データシート部品情報
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com