データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3248 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3248
部品情報  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3248 データシート(HTML) 4 Page - Texas Instruments

  LM3248 Datasheet HTML 1Page - Texas Instruments LM3248 Datasheet HTML 2Page - Texas Instruments LM3248 Datasheet HTML 3Page - Texas Instruments LM3248 Datasheet HTML 4Page - Texas Instruments LM3248 Datasheet HTML 5Page - Texas Instruments LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VBATT pins to GND (PVIN_BOOST, VDD_BOOST, SW_BOOST, PVIN_BUCK,
VDD1_BUCK, VDD2_BUCK, SW_BUCK, ACB, SGND_BOOST, SGND_BUCK, BGND,
PGND)
−0.2V to +6.0V
BOOST_GATE, MODE, ENABLE, OUT_BOOST, FB_BUCK, VCON
(GND
−0.2V to PVIN_BOOST +0.2V)
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
Continuous Power Dissipation (3)
Internally Limited
Maximum Lead Temperature
(Soldering, 10 sec)
+260°C
ESD Rating (4)
Human Body Model
2 kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins. The LM3248 is designed for mobile phone applications where turn-on after
power-up is controlled by the system controller, and where requirements for a small package size overrule increased die size for internal
Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low until the input voltage exceeds
2.5V.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ < 130°C (typ.).
(4)
The Human Body Model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7)
RECOMMENDED OPERATING CONDITIONS
(1)
Input Voltage Range VBATT
2.7V to 5.5V
Boost Output, Buck Input Range
2.7V to 5.5V
Recommended Load Current
0A to 2.5A
Junction Temperature (TJ) Range
−30°C to +125°C
Ambient Temperature (TA) Range
−30°C to +90°C
(1)
All voltages are with respect to the potential at the GND pins. The LM3248 is designed for mobile phone applications where turn-on after
power-up is controlled by the system controller, and where requirements for a small package size overrule increased die size for internal
Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low until the input voltage exceeds
2.5V.
THERMAL PROPERTIES
Junction-to-Ambient Thermal Resistance (
θJA)
(1)
30-bump DSBGA
38°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7 and is board dependent.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248


同様の部品番号 - LM3248

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMENOPB TI1-LM3248TMENOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMXNOPB TI1-LM3248TMXNOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
More results

同様の説明 - LM3248

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Linear Technology
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TD1507 ETC1-TD1507 Datasheet
381Kb / 11P
   2.5A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com