データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3263 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3263
部品情報  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 5Page - Texas Instruments LM3263 Datasheet HTML 6Page - Texas Instruments LM3263 Datasheet HTML 7Page - Texas Instruments LM3263 Datasheet HTML 8Page - Texas Instruments LM3263 Datasheet HTML 9Page - Texas Instruments LM3263 Datasheet HTML 10Page - Texas Instruments LM3263 Datasheet HTML 11Page - Texas Instruments LM3263 Datasheet HTML 12Page - Texas Instruments LM3263 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
2.6
2.8
3.0
3.2
3.4
3.6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE ( V )
C005
I
OUT = 500mA
I
OUT = 1.5A
60
65
70
75
80
85
90
95
100
0
25
50
75
100
125
150
OUTPUT CURRENT ( mA )
VOUT = 0.8V
VOUT = 1.0V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.0V
VOUT = 0.4V
C006
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE ( V )
C003
V
OUT = 2.0V, IOUT = 500mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VSET VOLTAGE ( V )
C004
V
BATT = 4.2V
R
LOAD = 6.8
22
43
64
86
A7
C8
EA
VSET_CTRL (hex)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
300
325
350
375
400
425
450
INPUT VOLTAGE (V)
C001
V
OUT = 1.0V @ PFM mode
0
2
4
6
8
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE ( V )
C002
V
OUT = 2.0V @ PWM Mode
LM3263
www.ti.com
SNVS837A – JUNE 2013 – REVISED AUGUST 2013
TYPICAL PERFORMANCE CHARACTERISTICS
(VBATT =3.8V, TA = 25°C, unless otherwise noted)
Input Current (PFM) vs Input Voltage
Input Current (PWM) vs Input Voltage
No Load
No Load
Figure 1.
Figure 2.
Average Switching Frequency vs. Input Voltage
Output Voltage vs. VSET_CTRL Setting
Figure 3.
Figure 4.
Output Voltage vs. Input Voltage
Efficiency vs. Load Current
VOUT = 3.4V
Auto-PFM Mode, IOUT = 10mA to 150mA
Figure 5.
Figure 6.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3263


同様の部品番号 - LM3263

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3263 TI-LM3263 Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263 TI1-LM3263 Datasheet
2Mb / 40P
[Old version datasheet]   High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263TME/NOPB TI-LM3263TME/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263TMX/NOPB TI-LM3263TMX/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263 TI1-LM3263_14 Datasheet
2Mb / 40P
[Old version datasheet]   High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
More results

同様の説明 - LM3263

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3263 TI-LM3263 Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263 TI1-LM3263_14 Datasheet
2Mb / 40P
[Old version datasheet]   High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
FM34093M FUMAN-FM34093M Datasheet
228Kb / 5P
   Step-down DC-DC converter control IC
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com