データシートサーチシステム |
|
LM10524 データシート(PDF) 5 Page - Texas Instruments |
|
|
LM10524 データシート(HTML) 5 Page - Texas Instruments |
5 / 41 page LM10524 www.ti.com SNVS986A – AUGUST 2013 – REVISED JANUARY 2014 Table 1. 9.0 LM10524 Pin Description Pin # Pin Name I/O(1) Type(2) Functional Description A4 DEVSLP I D Digital Input Control Signal for entering Device Sleep Mode. Input activates the device sleep function in conjunction with DEVSLP_OVR1, DEVSLP_OVR2, and PowerUp_mode. This is an active High pin with an option for an internal pullup resistor. Turns off all outputs and internal oscillator. E7 DEVSLP_CTRL O D Indicates DevSLP signal is active but drives low when device is in SLEEP mode. C7 DEVSLP_OVR1 I D Used to gate activation of device sleep. D7 DEVSLP_OVR2 I D Used to gate activation of device sleep. C5 FB_B1 I/O A Buck Switcher Regulator 1 - Voltage output feedback plus Bypass Power. B4 FB_B1 I/O A Buck Switcher Regulator 1 - Voltage output feedback plus Bypass Power. C4 FB_B1 I/O A Buck Switcher Regulator 1 - Voltage output feedback plus Bypass Power. F3 FB_B2 I A Buck Switcher Regulator 2 - Voltage output feedback. F5 FB_B3 I A Buck Switcher Regulator 3 - Voltage output feedback. C6 FREE Not Used. F4 FREE Not Used. G4 FREE Not Used. B1 GND G G Ground. Connect to system Ground. B2 GND G G Ground. Connect to system Ground. C2 GND G G Ground. Connect to system Ground. A7 GND_B1 G P Buck Switcher Regulator 1 - Power ground for Buck Regulator. B7 GND_B1 G P Buck Switcher Regulator 1 - Power ground for Buck Regulator. G1 GND_B2 G P Buck Switcher Regulator 2 - Power ground for Buck Regulator. H1 GND_B2 G P Buck Switcher Regulator 2 - Power ground for Buck Regulator. G7 GND_B3 G P Buck Switcher Regulator 3 - Power ground for Buck Regulator. H7 GND_B3 G P Buck Switcher Regulator 3 - Power ground for Buck Regulator. C3 IRQ O D Interrupt. Digital Output of Comparator to signal interrupt condition. A2 PWR_OK O D PWR_OK Signal, Push Pull output. H4 POWERUP I/O D Used to indicate SSD initialization is complete. Once initialization is complete, this pin _MODE should be externally pulled low to allow Sleep mode activation via DEVSLP F7 SLEEP_EN O D Active high output indicates device is in Sleep Mode. C1 SPI_CLK I D SPI Interface - serial clock input. F1 SPI_CS I D SPI Interface - chip select. D1 SPI_DI I D SPI Interface - serial data input. E1 SPI_DO O D SPI Interface - serial data output. A6 SW_B1 I/O P Buck Switcher Regulator 1 - Power Switching node, connect to inductor. B6 SW_B1 I/O P Buck Switcher Regulator 1 - Power Switching node, connect to inductor. F2 SW_B2 I/O P Buck Switcher Regulator 2 - Power Switching node, connect to inductor. G2 SW_B2 I/O P Buck Switcher Regulator 2 - Power Switching node, connect to inductor. H2 SW_B2 I/O P Buck Switcher Regulator 2 - Power Switching node, connect to inductor. F6 SW_B3 I/O P Buck Switcher Regulator 3 - Power Switching node, connect to inductor. G6 SW_B3 I/O P Buck Switcher Regulator 3 - Power Switching node, connect to inductor. H6 SW_B3 I/O P Buck Switcher Regulator 3 - Power Switching node, connect to inductor. B3 VCOMP I A Analog Input for Comparator. A3 VIN I P Power supply Input Voltage — must be present for device to work; decouple closely to D7. A5 VIN_B1 I P Buck Switcher Regulator 1 - Power supply voltage input for power stage PFET, if Buck 1 is not used, tie to ground to reduce leakage. B5 VIN_B1 I P Buck Switcher Regulator 1 - Power supply voltage input for power stage PFET, if Buck 1 is not used, tie to ground to reduce leakage. (1) I: Input Pin, O: Output Pin (2) A: Analog Pin, D: Digital Pin, G: Ground, P: Power Connection Copyright © 2013–2014, Texas Instruments Incorporated 5 Product Folder Links: LM10524 |
同様の部品番号 - LM10524 |
|
同様の説明 - LM10524 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |