データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ31506RUQR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ31506RUQR
部品情報  6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31506RUQR データシート(HTML) 1 Page - Texas Instruments

  LMZ31506RUQR Datasheet HTML 1Page - Texas Instruments LMZ31506RUQR Datasheet HTML 2Page - Texas Instruments LMZ31506RUQR Datasheet HTML 3Page - Texas Instruments LMZ31506RUQR Datasheet HTML 4Page - Texas Instruments LMZ31506RUQR Datasheet HTML 5Page - Texas Instruments LMZ31506RUQR Datasheet HTML 6Page - Texas Instruments LMZ31506RUQR Datasheet HTML 7Page - Texas Instruments LMZ31506RUQR Datasheet HTML 8Page - Texas Instruments LMZ31506RUQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
PVIN = VIN = 5 V
PVIN = VIN = 12 V
VOUT = 3.3 V
fSW = 630 kHz
G000
LMZ31506
PWRGD
SENSE+
VOUT
VIN
PVIN
INH/UVLO
RT/CLK
VADJ
SS/TR
STSEL
AGND
PGND
C
IN
RSET
COUT
VOUT
VIN
ISHARE
LMZ31506
www.ti.com
SNVS993 – JUNE 2013
6A SIMPLE SWITCHER® Power Module with 2.95V-14.5V Input and Current Sharing
in QFN Package
Check for Samples: LMZ31506
1
FEATURES
DESCRIPTION
The LMZ31506 SIMPLE SWITCHER® power module
2
Complete Integrated Power Solution Allows
is an easy-to-use integrated power solution that
Small Footprint, Low-Profile Design
combines a 6-A DC-to-DC converter with power
9mm x 15mm x 2.8mm package
MOSFETs, a shielded inductor, and passives into a
- Pin Compatible with LMZ31503
low profile, QFN package. This total power solution
allows as few as three external components and
Efficiencies Up To 96%
eliminates the loop compensation and magnetics part
Wide-Output Voltage Adjust
selection process.
0.6 V to 5.5 V, with 1% Reference Accuracy
The 9×15×2.8 mm QFN package is easy to solder
Supports Parallel Operation for Higher Current
onto a printed circuit board and allows a compact
Optional Split Power Rail allows
point-of-load design with greater than 90% efficiency
input voltage down to 1.6 V
and excellent power dissipation with a thermal
Adjustable Switching Frequency
impedance of 13°C/W junction to ambient. The
device delivers the full 6-A rated output current at
(250 kHz to 780 kHz)
85°C ambient temperature without airflow.
Synchronizes to an External Clock
The LMZ31506 offers the flexibility and the feature-
Adjustable Slow-Start
set of a discrete point-of-load design and is ideal for
Output Voltage Sequencing / Tracking
powering performance DSPs and FPGAs. Advanced
Power Good Output
packaging technology afford a robust and reliable
power
solution
compatible
with
standard
QFN
Programmable Undervoltage Lockout (UVLO)
mounting and testing techniques.
Output Overcurrent Protection (Hiccup Mode)
Over-Temperature Protection
SIMPLIFIED APPLICATION
Pre-bias Output Start-up
Operating Temperature Range: –40°C to 85°C
Enhanced Thermal Performance: 13°C/W
Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
APPLICATIONS
Broadband & Communications Infrastructure
Automated Test and Medical Equipment
Compact PCI, PCI Express and PXI Express
DSP and FPGA Point of Load Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LMZ31506RUQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31506RUQR TI1-LMZ31506RUQR Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
More results

同様の説明 - LMZ31506RUQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com