データシートサーチシステム |
|
CA0508MZRY5V8BB473 データシート(PDF) 8 Page - YAGEO Corporation |
|
CA0508MZRY5V8BB473 データシート(HTML) 8 Page - YAGEO Corporation |
8 / 17 page www.yageo.com Feb 05, 2010 V.1 Surface-Mount Ceramic Multilayer Capacitors 8 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V ELECTRICAL CHARACTERISTICS 4 4C C--A AR RR RA AY Y D DIIE EL LE EC CT TR RIIC C C CA AP PA AC CIIT TO OR RS S;; N NIIS SN N T TE ER RM MIIN NA AT TIIO ON NS S Unless otherwise stated all electrical values apply at an ambient temperature of 20±1 °C, an atmospheric pressure of 86 to 106 kPa, and a relative humidity of 63 to 67%. DESCRIPTION VALUE Capacitance range 10 pF to 100 nF Rated voltage NP0 50 V X7R 0508: 16 V, 0612: 16 V to 50 V Y5V 0612: 25 V Capacitance tolerance NP0 ±5%, ±10% X7R ±10%, ±20% Y5V –20% to +80% Dissipation factor (D.F.) NP0 ≤ 0.1% X7R 16 V ≤ 3.5%, 25V ≤ 2.5%, 50V ≤ 2.5% Y5V 0508 ≤ 9%, 0612 ≤ 7% Insulation resistance after 1 minute at Ur (DC) Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less Maximum capacitance change as a function of temperature (temperature characteristic/coefficient): NP0 ±30 ppm/°C X7R ±15% Y5V +22% to –82% Operating temperature range: NP0 –55 °C to +125 °C X7R –55 °C to +125 °C Y5V –30 °C to +85 °C Table 6 |
同様の部品番号 - CA0508MZRY5V8BB473 |
|
同様の説明 - CA0508MZRY5V8BB473 |