データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA0612KRNPO9BB473 データシート(PDF) 2 Page - YAGEO Corporation

部品番号 CA0612KRNPO9BB473
部品情報  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAGEO [YAGEO Corporation]
ホームページ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0612KRNPO9BB473 データシート(HTML) 2 Page - YAGEO Corporation

  CA0612KRNPO9BB473 Datasheet HTML 1Page - YAGEO Corporation CA0612KRNPO9BB473 Datasheet HTML 2Page - YAGEO Corporation CA0612KRNPO9BB473 Datasheet HTML 3Page - YAGEO Corporation CA0612KRNPO9BB473 Datasheet HTML 4Page - YAGEO Corporation CA0612KRNPO9BB473 Datasheet HTML 5Page - YAGEO Corporation CA0612KRNPO9BB473 Datasheet HTML 6Page - YAGEO Corporation CA0612KRNPO9BB473 Datasheet HTML 7Page - YAGEO Corporation CA0612KRNPO9BB473 Datasheet HTML 8Page - YAGEO Corporation CA0612KRNPO9BB473 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.yageo.com
Feb 05, 2010 V.1
Surface-Mount Ceramic Multilayer Capacitors
2
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
SCOPE
This specification describes
NP0/X7R/Y5V 4-capacitor Array
with lead-free terminations.
APPLICATIONS
Professional electronics
High density consumer
electronics
FEATURES
Supplied in tape on reel
Nickel-barrier end termination
0508 (4x0402) / 0612 (4x0603)
capacitors (of the same
capacitance value) per array
Less than 50% board space of
an equivalent discrete
component
High volumetric efficiency
Increased throughout, by time
saved in mounting
RoHS compliant
Halogen Free compliant
ORDERING INFORMATION-GLOBAL PART NUMBER, PHYCOMP
CTC & 12NC
All part numbers are identified by the series, size, tolerance, TC material,
packing style, voltage, process code, termination and capacitance value.
Please note that 12 digits ordering code will expire at the end of 2010.
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
CA XXXX X X XXX X B X XXX
(1)
(2) (3) (4)
(5)
(6) (7)
(1) SIZE – INCH BASED (METRIC)
0508 (1220)
0612 (1632)
(2) TOLERANCE
J = ±5%
K = ±10%
M = ±20%
Z = -20% to +80%
(3) PACKING STYLE
R = Paper/PE taping reel; Reel 7 inch
(4) TC MATERIAL
NPO
X7R
Y5V
(5) RATED VOLTAGE
7 = 16 V
8 = 25 V
9 = 50 V
(6) PROCESS
N = NP0
B = X7R / Y5V
(7) CAPACITANCE VALUE
2 significant digits+number of zeros
The 3rd digit signifies the multiplying factor, and letter R is decimal point
Example: 121 = 12 x 101 = 120 pF


同様の部品番号 - CA0612KRNPO9BB473

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
CA0612KRNPO9BB121 YAGEO-CA0612KRNPO9BB121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

同様の説明 - CA0612KRNPO9BB473

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com