データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD121XL6 データシート(PDF) 10 Page - AZ Displays

部品番号 PD121XL6
部品情報  12.1??TFT-LCD module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD121XL6 データシート(HTML) 10 Page - AZ Displays

Back Button PD121XL6 Datasheet HTML 2Page - AZ Displays PD121XL6 Datasheet HTML 3Page - AZ Displays PD121XL6 Datasheet HTML 4Page - AZ Displays PD121XL6 Datasheet HTML 5Page - AZ Displays PD121XL6 Datasheet HTML 6Page - AZ Displays PD121XL6 Datasheet HTML 7Page - AZ Displays PD121XL6 Datasheet HTML 8Page - AZ Displays PD121XL6 Datasheet HTML 9Page - AZ Displays PD121XL6 Datasheet HTML 10Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PD121XL6
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
Note: We strongly suggest to follow above design guide to avoid the linear defect happened on
the touch panel.
7. Absolute Maximum Ratings:
The followings are maximum values, which if exceeded, may cause faulty operation or
damage to the unit.
GND=0V,Ta=25
+
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Logic Power Supply
VDD
VSS-0.3
+4.0
V
Logic Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Note 7-1
Note 7-1: Permanent damage to the device may occur if maximum values are exceeded. Function
operation should be restricted to the conditions described under Normal Operating Conditions.
8. Electrical Characteristics
8-1) Recommended Operating Conditions:
Ta=25 ±2
+
Value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
VDD
3.0
3.3
3.6
V
Power Supply Current
IDD
-
280
485
mA
Note 8-1
Power Consumption
PDD
-
0.9
1.6
W
Note 8-2
LVDS differential voltage
VID
-100
-
+100
mV
LVDS common input voltage
Vic
-
1.2
-
V
Note 8-1: The module is recommended to operate within specification ranges listed above for
normal function.
Note 8-2: PDD=VDD
$ IDD
P-511-596(V:1)


同様の部品番号 - PD121XL6

メーカー部品番号データシート部品情報
logo
AZ Displays
PD121XL4 AZDISPLAYS-PD121XL4 Datasheet
460Kb / 21P
   12.1??TFT-LCD module
More results

同様の説明 - PD121XL6

メーカー部品番号データシート部品情報
logo
AZ Displays
G121S1-L02 AZDISPLAYS-G121S1-L02 Datasheet
769Kb / 29P
   12.1??TFT-LCD module
PD121XL4 AZDISPLAYS-PD121XL4 Datasheet
460Kb / 21P
   12.1??TFT-LCD module
logo
Bolymin, Inc
BT121BANNCB BOLYMIN-BT121BANNCB Datasheet
419Kb / 1P
   12.1 Color TFT-LCD module
BT121BABACB BOLYMIN-BT121BABACB Datasheet
351Kb / 1P
   12.1 Color TFT-LCD video module
BT121BADACB BOLYMIN-BT121BADACB Datasheet
322Kb / 1P
   12.1 Color TFT-LCD video module
logo
LG Semicon Co.,Ltd.
LB121S03 LG-LB121S03 Datasheet
396Kb / 23P
   12.1??SVGA TFT LCD
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
AU Optronics Corp.,
G121SN01V2 AUO-G121SN01V2 Datasheet
510Kb / 26P
   12.1 Inch Color TFT-LCD
G121SN01V3 AUO-G121SN01V3 Datasheet
508Kb / 27P
   12.1 Inch Color TFT-LCD
logo
Purdy Electronics Corpo...
ANDPSI121GAOS-HB PURDY-ANDPSI121GAOS-HB Datasheet
612Kb / 5P
   12.1??XGA Color p-Si TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com