データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1715A データシート(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1715A
部品情報  169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1715A データシート(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1715A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: 169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
TST Parts No.:TA1715A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Kazuma Lee
Approval by:
Bob Chau
Date:
01 / 07 / 2014
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.


同様の部品番号 - TA1715A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA1715A GOLLEDGE-TA1715A Datasheet
151Kb / 7P
   SAW Filter 169.40MHz
More results

同様の説明 - TA1715A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TB1126A TAI-SAW-TB1126A Datasheet
146Kb / 7P
   980 MHz 80MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1125A TAI-SAW-TB1125A Datasheet
147Kb / 7P
   739 MHz 78MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1337A TAI-SAW-TB1337A Datasheet
411Kb / 8P
   149.3MHz 47.4MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1208A TAI-SAW-TB1208A Datasheet
201Kb / 8P
   149.64MHz 48MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1131A TAI-SAW-TB1131A Datasheet
111Kb / 7P
   192 MHz 60MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1328A TAI-SAW-TB1328A Datasheet
409Kb / 7P
   38.2 MHz 5MHz BW SMD 75.0 x 5.0 mm SAW IF Filter
TB1341A TAI-SAW-TB1341A Datasheet
363Kb / 7P
   127.5 MHz 20MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1312A TAI-SAW-TB1312A Datasheet
388Kb / 7P
   234.5MHz 160kHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1335A TAI-SAW-TB1335A Datasheet
369Kb / 7P
   230.4MHz 8.16MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1336A TAI-SAW-TB1336A Datasheet
374Kb / 7P
   328MHz 0.6MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com