データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC900U データシート(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 DAC900U
部品情報  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC900U データシート(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC900U Datasheet HTML 5Page - Burr-Brown (TI) DAC900U Datasheet HTML 6Page - Burr-Brown (TI) DAC900U Datasheet HTML 7Page - Burr-Brown (TI) DAC900U Datasheet HTML 8Page - Burr-Brown (TI) DAC900U Datasheet HTML 9Page - Burr-Brown (TI) DAC900U Datasheet HTML 10Page - Burr-Brown (TI) DAC900U Datasheet HTML 11Page - Burr-Brown (TI) DAC900U Datasheet HTML 12Page - Burr-Brown (TI) DAC900U Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
®
DAC900
9
TYPICAL PERFORMANCE CURVES, VD = VA = +3V
At TA = +25°C, Differential IOUT = 20mA, 50Ω double-terminated load, SFDR up to Nyquist, unless otherwise specified.
SFDR vs f
OUT AT 25MSPS (3V)
Frequency (MHz)
85
80
75
70
65
60
55
2.0
4.0
6.0
8.0
10.0
12.0
0
0dBFS
–6dBFS
DIFFERENTIAL vs SINGLE-ENDED SFDR vs f
OUT
AT 100MSPS (3V)
Frequency (MHz)
85
80
75
70
65
60
55
50
45
10.0
20.0
30.0
40.0
50.0
0
Diff (0dBFS)
I
OUT (–6dBFS)
I
OUT (0dBFS)
Diff (–6dBFS)
X
X
X
X
X
X
X
SFDR vs f
OUT AT 165MSPS (3V)
Frequency (MHz)
80
75
70
65
60
55
50
45
40
20.0
10.0
30.0
40.0
50.0
70.0
60.0
80.0
0
–6dBFS
0dBFS
SFDR vs f
OUT AT 125MSPS (3V)
Frequency (MHz)
85
80
75
70
65
60
55
50
45
10.0
20.0
30.0
50.0
40.0
60.0
0
0dBFS
–6dBFS
SFDR vs f
OUT AT 100MSPS (3V)
Frequency (MHz)
85
80
75
70
65
60
55
50
45
10.0
20.0
30.0
40.0
50.0
0
–6dBFS
0dBFS
SFDR vs f
OUT AT 50MSPS (3V)
Frequency (MHz)
85
80
75
70
65
60
55
5.0
10.0
15.0
20.0
25.0
0
–6dBFS
0dBFS


同様の部品番号 - DAC900U

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC900U TI1-DAC900U Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900U/1K TI1-DAC900U/1K Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900U/1KG4 TI1-DAC900U/1KG4 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900UG4 TI1-DAC900UG4 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC900U

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com