データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

INA126 データシート(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 INA126
部品情報  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126 データシート(HTML) 1 Page - Burr-Brown (TI)

  INA126 Datasheet HTML 1Page - Burr-Brown (TI) INA126 Datasheet HTML 2Page - Burr-Brown (TI) INA126 Datasheet HTML 3Page - Burr-Brown (TI) INA126 Datasheet HTML 4Page - Burr-Brown (TI) INA126 Datasheet HTML 5Page - Burr-Brown (TI) INA126 Datasheet HTML 6Page - Burr-Brown (TI) INA126 Datasheet HTML 7Page - Burr-Brown (TI) INA126 Datasheet HTML 8Page - Burr-Brown (TI) INA126 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
q LOW QUIESCENT CURRENT: 175
µA/chan.
q WIDE SUPPLY RANGE:
±1.35V to ±18V
q LOW OFFSET VOLTAGE: 250
µV max
q LOW OFFSET DRIFT: 3
µV/°C max
q LOW NOISE: 35nV/
√Hz
q LOW INPUT BIAS CURRENT: 25nA max
q 8-PIN DIP, SO-8, MSOP-8 SURFACE- MOUNT
DUAL: 16-Pin DIP, SO-16, SSOP-16
Micro
POWER INSTRUMENTATION AMPLIFIER
Single and Dual Versions
DESCRIPTION
The INA126 and INA2126 are precision instrumentation ampli-
fiers for accurate, low noise differential signal acquisition. Their
two-op-amp design provides excellent performance with very
low quiescent current (175
µA/channel). This, combined with a
wide operating voltage range of
±1.35V to ±18V, makes them
ideal for portable instrumentation and data acquisition sys-
tems.
Gain can be set from 5V/V to 10000V/V with a single
external resistor. Laser trimmed input circuitry provides low
offset voltage (250
µV max), low offset voltage drift (3µV/°C
max) and excellent common-mode rejection.
Single version package options include 8-pin plastic DIP,
SO-8 surface mount, and fine-pitch MSOP-8 surface-mount.
Dual version is available in the space-saving SSOP-16 fine-
pitch surface mount, SO-16, and 16-pin DIP. All are specified
for the –40
°C to +85°C industrial temperature range.
APPLICATIONS
q INDUSTRIAL SENSOR AMPLIFIER:
Bridge, RTD, Thermocouple
q PHYSIOLOGICAL AMPLIFIER:
ECG, EEG, EMG
q MULTI-CHANNEL DATA ACQUISITION
q PORTABLE, BATTERY OPERATED SYSTEMS
INA1
26
INA2
126
INA2126
INA126
INA2126
INA126
INA2126
SBOS062A – JANUARY 1996 – REVISED AUGUST 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
40k
10k
10k
40k
INA126
5
4
2
1
8
3
7
6
R
G
V
IN
V
IN
+
V+
V–
V
O = (VIN – VIN) G
+
80k
R
G
G = 5 +
40k
10k
10k
40k
INA2126
5
7
8
1
4
3
2
9
6
RG
VIN
VIN
+
V+
V–
VO = (VIN – VIN) G
+
G = 5 +
VO = (VIN – VIN) G
+
G = 5 +
40k
10k
10k
40k
12
16
13
14
15
11
10
RG
VIN
VIN
+
80k
R
G
80k
R
G


同様の部品番号 - INA126

メーカー部品番号データシート部品情報
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120AP TI-INA120AP Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120BG TI-INA120BG Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120BP TI-INA120BP Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120CG TI-INA120CG Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

同様の説明 - INA126

メーカー部品番号データシート部品情報
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com