データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GSW-4876 データシート(PDF) 1 Page - Level One

部品番号 GSW-4876
部品情報  48 Gigabit Ethernet ports and 2 Gigabit SFP slots MLD, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and TFTP Management
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LVL1 [Level One]
ホームページ  http://www.level1.com/
Logo LVL1 - Level One

GSW-4876 データシート(HTML) 1 Page - Level One

  GSW-4876 Datasheet HTML 1Page - Level One GSW-4876 Datasheet HTML 2Page - Level One GSW-4876 Datasheet HTML 3Page - Level One GSW-4876 Datasheet HTML 4Page - Level One GSW-4876 Datasheet HTML 5Page - Level One GSW-4876 Datasheet HTML 6Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GSW-4876 Version: 3
48 GE + 2 GE SFP Web Smart Switch
The LevelOne GSW-4876 is an intelligent 50 ports Gigabit Web Smart Switch, provides 48 x 1000Base-T
ports and 2 x Gigabit SFP (Small Form Factor Pluggable) slots. The switch supports a flexible web-based
management interface, SNMP for both IPv4 and IPv6 as well as layer 2 management features. Despite its
affordable pricing, the GSW-4876 is equipped with many advanced features such as Internet Group
Management Protocol (IGMP) snooping v1/v2/v3 forwarding, VLANs, Spanning Tree, Link Aggregation
Control Protocol (LACP), QoS with 8 priority queues, UPnP for auto-discovery and configure devices,
Storm Control for protects against broadcast/multicast/unknown unicast and else more. The GSW-4876
offers a complete web management solution for small-to-median businesses.
Key Features
- 48 Gigabit Ethernet ports and 2 Gigabit SFP slots
- MLD, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and TFTP Management
- IP Multicast Filtering through IGMP Snooping V1 / V2 / V3
- Supports port-based VLAN, IEEE 802.1Q 4K VLAN Tagging
- IEEE 802.1d/w/s Spanning Tree Protocol (MSTP) and port mirroring
- Supports Access Control List (ACL) authentication of up to 512 entries and port-level security with
IEEE802.1X
- Supports IPv4/IPv6 network operation
- IEEE 802.1p QoS with 8 priority queues
- IEEE 802.3ad LACP for auto port aggregation
- Supports Universal Plug and Play (UPnP) for auto-configure network devices
- Supports Simple Network Time Protocol (SNTP) time server
- 10K jumbo frames to increase data transfer rates
www.level1.com
Page 1 of 6


同様の部品番号 - GSW-4876

メーカー部品番号データシート部品情報
logo
Level One
GSW-4876 LVL1-GSW-4876_16 Datasheet
492Kb / 5P
   50-Port Web Smart Gigabit Ethernet Switch, 2 x SFP
More results

同様の説明 - GSW-4876

メーカー部品番号データシート部品情報
logo
Level One
GTL-2691 LVL1-GTL-2691 Datasheet
552Kb / 6P
   24 Gigabit Ethernet ports with 4 shared SFP slots and 2 10G slots Multicast routing IGMP V1/V2/V3, MLD
logo
Axiomtek Co., Ltd.
SBC87842 AXIOMTEK-SBC87842 Datasheet
335Kb / 1P
   2 Gigabit Ethernet ports and 2 USB 2.0 ports
logo
Level One
GEP-2672 LVL1-GEP-2672 Datasheet
516Kb / 6P
   24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
GEP-2671 LVL1-GEP-2671 Datasheet
502Kb / 6P
   24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
GES-1651 LVL1-GES-1651 Datasheet
381Kb / 5P
   16 Gigabit Ethernet ports with 2 shared SFP slots 10/100/1000Mbps wire speed transmission and reception
GSW-4876 LVL1-GSW-4876_16 Datasheet
492Kb / 5P
   50-Port Web Smart Gigabit Ethernet Switch, 2 x SFP
logo
List of Unclassifed Man...
SNMPWEBCARD ETC2-SNMPWEBCARD Datasheet
504Kb / 4P
   For remote monitoring and control via SNMP, Web or Telnet
logo
Level One
GTL-2060 LVL1-GTL-2060 Datasheet
212Kb / 4P
   20-Port L2 Managed Gigabit Ethernet Switch, 12 Ports SFP Plus 10-Gigabit, 8 ports Gigabit Ethernet
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
Level One
GTL-2660 LVL1-GTL-2660 Datasheet
213Kb / 4P
   26-Port L2 Managed Gigabit Ethernet Fiber Switch, 24 Ports SFP/4 Ports RJ45 Combo, 2 Ports SFP Plus 10-Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com