データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC0175A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TC0175A
部品情報  SAW Resonator 802.056 MHz SMD 3.8X3.8 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0175A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0175A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0175A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0175A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0175A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 802.056 MHz
MODEL NO.: TC0175A
REV. NO.:3
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
801.931
802.056
802.181
Insertion Loss IL
dB
-
1.5
2.5
Equivalent Elements
Motional capacitance C1
fF
-
1.73
-
Motional inductance L1
μ
H
-
22.8
-
Motional resistance R1
Ohm
-
13.5
33
Parallel capacitance Co
pF
-
2.87
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
20
-
50
Package size
SMD 3.8X3.8X1.4mm
D.OUTLINE DRAWING:
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TC0175A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TC0170A TAI-SAW-TC0170A Datasheet
269Kb / 5P
   SAW Resonator 433.92 MHz SMD 3.8X3.8 mm
logo
Golledge Electronics Lt...
TC0170A GOLLEDGE-TC0170A Datasheet
163Kb / 4P
   SAW Resonator 433.920MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0170AA TAI-SAW-TC0170AA Datasheet
398Kb / 5P
   SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
   SAW Resonator 433.92 MHz
TC0170B TAI-SAW-TC0170B Datasheet
238Kb / 4P
   SAW Resonator 433.92 MHz
More results

同様の説明 - TC0175A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
   SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0237A TAI-SAW-TC0237A Datasheet
353Kb / 5P
   SAW Resonator 666.6043 MHz SMD 3.8X3.8 mm
TC0248A TAI-SAW-TC0248A Datasheet
285Kb / 5P
   SAW Resonator 433.000 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
   SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0429A TAI-SAW-TC0429A Datasheet
278Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.8X3.8 mm
TC0185A TAI-SAW-TC0185A Datasheet
289Kb / 4P
   SAW Resonator 745.795 MHz SMD 3.8X3.8 mm
TC0187A TAI-SAW-TC0187A Datasheet
285Kb / 5P
   SAW Resonator 772.420 MHz SMD 3.8X3.8 mm
TC0327BA3510 TAI-SAW-TC0327BA3510 Datasheet
831Kb / 6P
   SAW Resonator 840 MHz SMD 3.8X3.8 mm
TC0177A TAI-SAW-TC0177A Datasheet
315Kb / 4P
   SAW Resonator 804.681 MHz SMD 3.8X3.8 mm
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com