データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE184 データシート(PDF) 6 Page - Lineage Power Corporation

部品番号 ACE184
部品情報  12Vdc distributed power architectures Mid-End Blade Network Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE184 データシート(HTML) 6 Page - Lineage Power Corporation

  ACE184 Datasheet HTML 1Page - Lineage Power Corporation ACE184 Datasheet HTML 2Page - Lineage Power Corporation ACE184 Datasheet HTML 3Page - Lineage Power Corporation ACE184 Datasheet HTML 4Page - Lineage Power Corporation ACE184 Datasheet HTML 5Page - Lineage Power Corporation ACE184 Datasheet HTML 6Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GE Energy
Preliminary Data Sheet
ACE184 Series Power Shelf
Main Output: 600A; Standby output: 8A
Contact Us
For more information, call us at
USA/Canada:
+1 888 546 3243, or +1 972 244 9288
Asia-Pacific:
+86.021.54279977*808
Europe, Middle-East and Africa:
+49.89.878067-280
India:
+91.80.28411633
www.ge.com/powerelectronics
October 29, 2012
©2012 General Electric Company. All rights reserved.
Page 6
Connector Pin Assignments
Signal Connector:
shelf end: Tyco AMP P/N 1-5499786-1
Mate:
Tyco AMP P/N 1-1658621-1
Pin
Signal
Function
Pin
Signal
Function
Pin
Signal
Function
1
INPUT OK 1
INPUT OK 1
21
On / Off 3
Remote On / Off 3
41
N.C.
2
DC OK 1
DC OK 1
22
Imon 3
Current readout 3
42
I_share
Current sharing
3
Mod present 1
Module present 1
23
N.C.
43
V_prog
Voltage Setting
4
Temp OK 1
Temp OK 1
24
Fault 3
Fault 3
44
INT
I²C interrupt
5
On / Off 1
Remote On / Off 1
25
INPUT OK 4
INPUT OK 4
45
SCL
I²C clock line
6
Imon 1
Current readout 1
26
DC OK 4
DC OK 4
46
SDA
I²C data line
7
N.C.
27
Mod present 4
Module present 4
47
WP
Write Protect
8
Fault 1
Fault 1
28
Temp OK 4
Temp OK 4
48
RS +
Positive sense
9
INPUT OK 2
INPUT OK 2
29
On / Off 4
Remote On / Off 4
49
RS -
Negative sense
10
DC OK 2
DC OK 2
30
Imon 4
Current readout 4
50
RTN
Signal return
11
Mod present 2
Module present 2
31
N.C.
51
Shelf Address
A2 pin
12
Temp OK 2
Temp OK 2
32
Fault 4
Fault 4
52
Vsb
standby output
13
On / Off 2
Remote On / Off 2
33
N.C.
53
Vsb
standby output
14
Imon 2
Current readout 2
34
N.C.
54
Vsb
standby output
15
N.C.
35
N.C.
55
Vsb
standby output
16
Fault 2
Fault 2
36
N.C.
56
N.C.
17
INPUTOK 3
INPUT OK 3
37
N.C.
57
Vsb_rtn
standby return
18
DC OK 3
DC OK 3
38
N.C.
58
Vsb_rtn
standby return
19
Mod present 3
Module present 3
39
N.C.
59
Vsb_rtn
standby return
20
Temp OK 3
Temp OK 3
40
N.C.
60
Vsb_rtn
standby return
Ordering Information
Please contact your GE Energy Sales Representative for pricing, availability and optional features.
PRODUCT
DESCRIPTION
PART NUMBER
600A Shelf
Power Shelf capable of delivering 600A of main output and 8A of Standby power
ACE184RUW12XZ01A


同様の部品番号 - ACE184

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
ACE18205S ACE-ACE18205S Datasheet
186Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE1820B ACE-ACE1820B Datasheet
968Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1851WM++ ACE-ACE1851WM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE18812B ACE-ACE18812B Datasheet
758Kb / 7P
   Common Drain N-Channel Enhancement Mode Power MOSFET with ESD Protection
VER 1.1
More results

同様の説明 - ACE184

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
logo
Fairchild Semiconductor
FDMS9409_F085 FAIRCHILD-FDMS9409_F085 Datasheet
419Kb / 6P
   Distributed Power Architectures and VRM
FDMS9410_F085 FAIRCHILD-FDMS9410_F085 Datasheet
429Kb / 6P
   Distributed Power Architectures and VRM
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
   Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF600 ARTESYN-DPF600 Datasheet
65Kb / 2P
   Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com