データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR0812DC データシート(PDF) 7 Page - Lineage Power Corporation

部品番号 CAR0812DC
部品情報  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DC データシート(HTML) 7 Page - Lineage Power Corporation

Back Button CAR0812DC Datasheet HTML 3Page - Lineage Power Corporation CAR0812DC Datasheet HTML 4Page - Lineage Power Corporation CAR0812DC Datasheet HTML 5Page - Lineage Power Corporation CAR0812DC Datasheet HTML 6Page - Lineage Power Corporation CAR0812DC Datasheet HTML 7Page - Lineage Power Corporation CAR0812DC Datasheet HTML 8Page - Lineage Power Corporation CAR0812DC Datasheet HTML 9Page - Lineage Power Corporation CAR0812DC Datasheet HTML 10Page - Lineage Power Corporation CAR0812DC Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GE
Data Sheet
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
April 23, 2013
©2013 General Electric Company. All rights reserved.
Page 7
Characteristic Curves
The following figures provide typical characteristics for the CAR0812DC converter at 25oC
TIME, t (200ms/div)
Figure 1. Converter Efficiency versus Output Current.
Figure 2. Input start up (Vin: -48VDC, full load).
TIME, t (20ms/div)
TIME, t (20ms/div)
Figure 3. Start-up Using Remote On/Off
(Vin: -48VDC, load independent)
Figure 4. 12V start-up with 16,000µf external capacitance
(Vin: -48VDC, full load)
TIME, t (5s/div)
TIME, t (20s /div)
Figure 5. 12V output ripple and noise (Vin: -48VDC, full load).
Figure 6. 3.3V output ripple and noise (Vin: -48VDC, full load).
Input
3.3V
12V


同様の部品番号 - CAR0812DC

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

同様の説明 - CAR0812DC

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com