データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR0812DCBX5Z01A データシート(PDF) 4 Page - Lineage Power Corporation

部品番号 CAR0812DCBX5Z01A
部品情報  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DCBX5Z01A データシート(HTML) 4 Page - Lineage Power Corporation

  CAR0812DCBX5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
GE
Data Sheet
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
April 23, 2013
©2013 General Electric Company. All rights reserved.
Page 4
Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage programming (Vprog)
Equation: VOUT = 10.8 + (Vprog * 0.96)
Vprog range
Vprog
0
2.5
VDC
Programmed output voltage range
VOUT
10.8
13.2
VDC
Voltage adjustment resolution (8-bit A/D)
VOUT
10
mVDC
Output configured to 13.2VDC
Vprog
2.5
3.0
VDC
Output configured to the 12VDC set-point
Vprog
3.0
VDC
Enable [short pin controlling presence of the 12VDC output]
12V output OFF
VI
0.7VDD
12
VDC
12V output ON
VI
0
0.8
VDC
Write protect (Wp)
Write protect enabled
VI
0.7VDD
12
VDC
Write protect disabled
VI
0
0.8
VDC
INPUT-OK (Needs to be pulled HI via an external resistor)
Logic High (Input within normal range)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Input out of range)
IOL
4
mA
VOL
0
0.4
VDC
DC-OK ( Internally connected to 3.3V via a 10kΩ resistor)
Logic High (Output voltage is present)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Output voltage is not present)
IOL
4
mA
VOL
0
0.4
VDC
Over Temperature Warning (Needs to be pulled HI via an external
it )
Logic High (temperature within normal range)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (temperature is too high)
IOL
4
mA
VOL
0
0.4
VDC
Delayed shutdown after Logic Low transition
Tdelay
10
sec
Fault (Needs to be pulled HI via an external resistor)
Logic High (No fault is present)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Fault is present)
IOL
4
mA
VOL
0
0.4
VDC
PS Present (Needs to be pulled HI via an external resistor)
Logic High (Power supply is not plugged in)
Logic Low (Power supply is present)
VIL
0
0.1
VDC


同様の部品番号 - CAR0812DCBX5Z01A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

同様の説明 - CAR0812DCBX5Z01A

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com