データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR2512FPBC5Z01A データシート(PDF) 1 Page - Lineage Power Corporation

部品番号 CAR2512FPBC5Z01A
部品情報  85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2512FPBC5Z01A データシート(HTML) 1 Page - Lineage Power Corporation

  CAR2512FPBC5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 7Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GE Energy
Data Sheet
July 20, 2012
©2012 General Electric Company. All rights reserved.
CAR1212FP series rectifier
Input: 85Vac to 264Vac; Output: 12Vdc @ 1250W; 5 Vdc @ 0.5A
Features
Universal input with PFC
Constant power characteristic
3 front panel LEDs:
Remote ON/OFF control of the 12Vdc output
Remote sense on the 12Vdc output
No minimum load requirements
Active load sharing (single wire)
Hot Plug-ability
Efficiency: typically 89% at high line
85% at low line
Standby : 5Vdc
Auto recoverable OC & OT protection
Operating temperature: -10 - 70C (de-rated above
50C)
Digital status & control: I2C serial bus
EN/IEC/UL60950-1 2nd edition; UL, CSA and VDE
EMI: class A FCC docket 20780 part 15, EN55022
Meets EN6100 immunity and transient standards
Shock & vibration: NEBS GR-63-CORE, level 3
Applications
12Vdc distributed power architectures
Datacom and Telecom applications
Mid to high-end Servers
Enterprise Networking
Network Attached Storage
Telecom Access Nodes
Routers/Switches
Broadband Switches
ATE Equipment
Description
The CAR1212FP series of rectifiers provide highly efficient isolated power from world-wide commercial AC mains.
Offered in the industry standard compact 1U form factor, these rectifiers complement the CAR1212DC converter line,
providing comprehensive solutions for systems connected either to commercial ac mains or 48/60Vdc power plants.
This plug and play approach, between AC and DC input units, has significant advantages since systems can be readily
reconfigured by simply replacing the power supply.
The high-density, front-to-back airflow is designed for minimal space utilization and is highly expandable for future
growth.


同様の部品番号 - CAR2512FPBC5Z01A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR2512FPB5Y0-1A LINEAGEPOWER-CAR2512FPB5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FPB5Z0-1A LINEAGEPOWER-CAR2512FPB5Z0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FPBY0-1A LINEAGEPOWER-CAR2512FPBY0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FPBZ0-1A LINEAGEPOWER-CAR2512FPBZ0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results

同様の説明 - CAR2512FPBC5Z01A

メーカー部品番号データシート部品情報
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Tripp Lite. All Rights ...
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
   PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
logo
Torex Semiconductor
XC9404 TOREX-XC9404 Datasheet
299Kb / 16P
   85VAC ~ 270VAC
logo
Teledyne Technologies I...
SR75-3 TELEDYNE-SR75-3 Datasheet
193Kb / 3P
   0.5A, 400 Vdc Optically Isolated
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com