データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR2548FP データシート(PDF) 9 Page - Lineage Power Corporation

部品番号 CAR2548FP
部品情報  90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548FP データシート(HTML) 9 Page - Lineage Power Corporation

Back Button CAR2548FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 7Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 8Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 9Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 10Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 11Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 12Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
GE
Data Sheet
CAR2548FP series rectifier
Input: 90Vac to 264Vac; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2013 General Electric Company. All rights reserved.
Page 9
executing a read back. This delay will ensure that only the
final state of the power supply is captured.
Successive read backs: Successive read backs to the power
supply should not be attempted at intervals faster than every
one second. This time interval is sufficient for the internal
processors to update their data base so that successive
reads provide fresh data.
PMBusTM Commands
Standard instruction: Up to two bytes of data may follow an
instruction depending on the required data content. Analog
data is always transmitted as LSB followed by MSB. PEC is
optional and includes the address and data fields.
1
8
1
8
1
S
Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
1
Low data byte
A
High data byte
A
PEC
A
P
Master to Slave
Slave to Master
SMBUS annotations; S – Start , Wr – Write, Sr – re-Start, Rd
– Read,
A – Acknowledge, NA – not-acknowledged, P – Stop
Standard READ: Up to two bytes of data may follow a READ
request depending on the required data content. Analog
data is always transmitted as LSB followed by MSB. PEC is
mandatory and includes the address and data fields
. PEC is
optional and includes the address and data fields.
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
1
7
1
1
8
1
Sr
Slave Address
Rd
A
LSB
A
8
1
8
1
1
MSB
A
PEC
No-ack
P
Block communications: When writing or reading more than
two bytes of data at a time BLOCK instructions for WRITE and
READ commands must be used instead of the Standard
Instructions Error! Reference source not found. write any
number of bytes greater than two.
Block write format:
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
Byte count = N
A
Data 1
A Data 2
A
8
1
8
1
8
1
1
……….
A
Data 48
A
PEC
A
P
Block read format:
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
1
7
1
1
Sr
Slave Address
Rd
A
8
1
8
1
8
1
Byte count = N
A
Data 1
A Data 2
A
8
1
8
1
8
1
1
……….
A
Data 48
A
PEC
NoAck
P
Linear Data Format The definition is identical to Part II of the
PMBus Specification. All standard PMBus values, with the
exception of output voltage related functions, are
represented by the linear format described below. Output
voltage functions are represented by a 16 bit mantissa.
Output voltage has a E=9 constant exponent.
The Linear Data Format is a two byte value with an 11-bit,
two’s complement mantissa and a 5-bit, two’s complement
exponent or scaling factor, its format is shown below.
Data Byte High
Data Byte Low
Bit 7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Exponent (E)
Mantissa (M)
The relationship between the Mantissa, Exponent, and Actual
Value (V) is given by the following equation:
E
M
V
2
Where: V is the value, M is the 11-bit, two’s
omplement mantissa, E is the 5-bit, two’s complement
exponent
PMBusTM Command set:
Command
Hex
Code
Data
Byte
Function
Operation
01
1
Output ON/OFF
ON_OFF_config
02
1
09, output ON default
Clear_faults
03
0
Clear Status
Write_protect
10
1
Write control
Store_default_all
11
0
Store permanently
Restore_default_all
12
0
Reset defaults
Capability
19
1
30h, 400kHz, SMBAlert
Vout_mode
20
1
Vout constants
Vout_command
21
2
Set Vout
Fan_command_1
3B
2
Set fan speed in RPM
Vout_OV_fault_limit
40
2
Set OV fault limit
Vout_OV_fault_response
41
1
Vout_OV_warn_limit
42
2
Set OV warn limit
Vout_UV_warn_limit
43
2
Set UV warn limit
Vout_UV_fault_limit
44
2
Vout_UV_fault_response
45
1
Iout_OC_fault_limit
46
2
Iout_OC_fault_response
47
1
Latch or hiccup
Iout_OC_warn_limit
4A
2
Set OC warn limit
OT_fault_limit
4F
2
OT_fault_response
50
1
Latch or hiccup
OT_warn_limit
51
2
Set OT warn limit
UT_warn_limit
52
2


同様の部品番号 - CAR2548FP_14

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR2548FP-1A LINEAGEPOWER-CAR2548FP-1A Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results

同様の説明 - CAR2548FP_14

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com