データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8041ANZ データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 AD8041ANZ
部品情報  MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AD8041ANZ データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  AD8041ANZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-96839
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
3
DSCC FORM 2234
APR 97
1.3 Absolute maximum ratings. 1/
Supply voltage ( +VS to –VS ) ...................................................................................................... +12.6 V
Input common mode range (VIN) ................................................................................................. VS
Internal power dissipation (PD) .................................................................................................... 1.3 W 2/
Junction temperature (TJ) ............................................................................................................ +175C
Storage temperature range ........................................................................................................... -65
C to +125C
Lead temperature range (soldering, 60 seconds) ........................................................................ +300
C
Thermal resistance, junction-to-case (
JC) :
Case H ..................................................................................................................................... 45
C/W
Case P ...................................................................................................................................... 37
C/W
Thermal resistance, junction-to-ambient (
JA) :
Case H ..................................................................................................................................... 190
C/W
Case P ...................................................................................................................................... 88
C/W 3/
1.4 Recommended operating conditions.
Supply voltage (
VS) .................................................................................................................... 2.5 V (+5 V / 0 V) to 5 V
Operating ambient temperature range (TA) ................................................................................. -55C to +125C
1.4.1 Operating performance characteristics.
Input / output characteristics : (TA = +25C, VS = 2.5 V, RL = 2 k to 0 V)
Output current (VO = -2 V to +2 V) ........................................................................................... 50 mA
Input common mode voltage range .......................................................................................... -2.5 V to +1.5 V
Dynamic performance: (TA = +25C, VS = 2.5 V, RL = 2 k to 0 V)
-3 db small signal bandwidth (VO  0.5 VPP, G = 1) ................................................................. 160 MHz
Bandwidth for 0.1 dB flatness (G = +2, RL = 150 ) ................................................................. 30 MHz
Slew rate (G = -1, VO = 2 V step) ............................................................................................. 160 V/s
Full power response (VO = 2 VPP) ........................................................................................... 24 MHz
Noise /distortion performance: (TA = +25C, VS = 2.5 V, RL = 2 k to 0 V)
Total harmonic distortion (fC = 5 MHz, VO = 2 VPP, G = +2, RL = 1 k) .................................. -72 dB
Input voltage noise (f = 10 kHz) ................................................................................................ 16 nV/ Hz
Disable characteristics: (TA = +25C, VS = 2.5 V, RL = 2 k to 0 V, VO = 2 VPP at 10 MHz, G = +2)
Turn off time (RF = RL = 2 k) ................................................................................................. 120 ns
Turn on time (RF = RL = 2 k) ................................................................................................. 230 ns
Off isolation ( DISABLE pin tied to –VS, RL = 100 , f = 5 MHz, G = +2, RF = 1 k) .............. 70 dB
Off voltage (device disabled) ....................................................................................................
 +VS – 2.5 V
On voltage (device enabled) ..................................................................................................... Open or +VS
_____
1/
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the
maximum levels may degrade performance and affect reliability.
2/
Maximum internal power dissipation is specified so that the junction temperature does not exceed +175
C. In product
application, additional power dissipation created by output load current must not allow internal power dissipation absolute
maximum limit to be exceeded.
3/
Derate at 9 mW/
C for TA  32C.


同様の部品番号 - AD8041ANZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8041AN AD-AD8041AN Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041AN AD-AD8041AN Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
More results

同様の説明 - AD8041ANZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com