データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8041ANZ データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 AD8041ANZ
部品情報  MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AD8041ANZ データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  AD8041ANZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REVISIONS
LTR
DESCRIPTION
DATE (YR-MO-DA)
APPROVED
A
Drawing updated to reflect current requirements. - ro
02-04-18
R. MONNIN
B
Make a change to footnote 1/ under Table I. Make changes to +VOUT test
under Table I. Add new footnote 2/ to the –VOUT test under Table I. - ro
06-12-08
R. MONNIN
C
Add device type 02 and RHA designator “R” requirements.
Add case outline H. Add paragraphs 1.4.1, 1.5, 3.2.3, 4.4.4.1, and Table IIB.
Make changes to 1.2, 1.2.2, 1.3, Table I, and figure 1.
Add a footnote 4/ to the IS test as specified under Table I.
Make changes to CMRR, PSRR tests, footnote 1/ for device type 01 as
specified under Table I. - ro
09-12-09
C. SAFFLE
D
In Table I, add the word “mode” after Disabled in the conditions column for
IS test. In Table I, add “” to VOS, IIB, and IOS max limits column. In Table I,
under footnote 4/, add the words “Disabled mode” at beginning of note.
Delete the burn in and group c end point limits from Table IIB. - ro
10-02-22
C. SAFFLE
E
Add device type 03 tested at low dose rate. Make changes to paragraphs
1.2.2, 1.5, 4.4.4.1 and Table I. - ro
11-09-08
C. SAFFLE
REV
SHEET
REV
SHEET
REV STATUS
REV
E
E
E
E
E
E
E
E
E
E
E
E
OF SHEETS
SHEET
1
2
3
4
5
6
7
8
9
10
11
12
PMIC N/A
PREPARED BY
RICK OFFICER
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
http://www.landandmaritime.dla.mil
STANDARD
MICROCIRCUIT
DRAWING
THIS DRAWING IS AVAILABLE
FOR USE BY ALL
DEPARTMENTS
AND AGENCIES OF THE
DEPARTMENT OF DEFENSE
CHECKED BY
RAJESH PITHADIA
APPROVED BY
MICHAEL FRYE
MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL
AMPLIFIER WITH DISABLE, MONOLITHIC
SILICON
DRAWING APPROVAL DATE
96-03-29
AMSC N/A
REVISION LEVEL
E
SIZE
A
CAGE CODE
67268
5962-96839
SHEET
1 OF 12
DSCC FORM 2233
APR 97
5962-E415-11


同様の部品番号 - AD8041ANZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8041AN AD-AD8041AN Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041AN AD-AD8041AN Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
More results

同様の説明 - AD8041ANZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com