データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCVE-030X240 データシート(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

部品番号 LCVE-030X240
部品情報  AC Input 90~305Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINKCOM [LinkCom Manufacturing Co., Ltd.]
ホームページ  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCVE-030X240 データシート(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCVE-030X240 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCVE-030X240 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
*
(6)Load regulation measured from 20% to Full load.
(7)Line regulation measured from 100VAC to 277VAC.
(8)Preset accuracy measured at normal load, 120VAC input.
※Reference
-20 to +60℃@full load ; +80℃@60% load
shut down and latch off o/p voltage , re-power on to recover
PF>0.95 @115VAC, PF>0.9@230VAC at full load and rated output voltage
COLD START 50A @ 230VAC
Model NO.
Part NO.
LED Power Supply
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
LCVE-030 240
PLCVE0030 240
Model Name
SIZE
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(7)
2000ms,500ms at full load 115VAC/230VAC
Range:47-63Hz, Normal:50-60Hz
80%
30 W
300
5
5
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
INRUSH CURRENT (typ)
OUTPUT CURRENT(A) *(5)
O/P NOISE (P-P, mV) *(3)
LOAD REGULATION (%) *(6)
SETUP,RISE TIME(typ.)
INPUT FREQUENCY
ACTIVE POWER FACTOR
EMI
TEMP. COEFFICIENT
-40 to +80℃
5 to +90%, non-cond.
0.03% / ℃ (0-50℃, typ)
SAFETY
Meet UL / Meet TUV EN 61347-2-13
Meet CE EN 55015 / Meet FCC Part15
*(9)
short circuit protection will restart automatically after the fault condition is removed
Module : LCVE-030 240
FEATURES
PRESET ACCURACY (%) *(8)
90-305VAC, 127-431VDC, Normal:100-277VAC
OVER TEMP. PROTECTION
<0.7mA/240VAC
0.6A/115VAC
LEAKAGE CURRENT
AC CURRENT
RELATIVE HUMIDITY
INPUT VOLTAGE RANGE
OPERATING TEMP.*(4)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
DIMENSIONS(L*W*H)
STORAGE TEMPERATURE
SHORT CIRCUIT PROTECTION
OVER V, PROTECTION
(9)100% Production Tested.
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
I/P-O/P:3.75KVAC, O/P-Grnd:0.5KVAC, I/P-Grnd:1.88KVAC
I/P-O/P, I/P-FG,O/P-FG :100M Ohms / 500VDC / 25℃ / 70% RH
1.25
min.
norm.
max.
24
◆ AC Input 90~305Vac
◆ Protection: SCP / OTP / OVP
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor:>0.95@115Vac;>0.9@230Vac;@full load
◆ ROHS Compliant
◆ Safety: Meet UL / Meet TUV
◆ EMC: Meet CE / Meet FCC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 134 * 42 * 33.1 mm
◆ Dimension (L*W*H): 5.28 * 1.65 * 1.3 inch
LCVE-030 240
5
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


同様の部品番号 - LCVE-030X240

メーカー部品番号データシート部品情報
logo
LinkCom Manufacturing C...
LCVE-030X125 LINKCOM-LCVE-030X125 Datasheet
112Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results

同様の説明 - LCVE-030X240

メーカー部品番号データシート部品情報
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X240 LINKCOM-LCCH-080X240 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-045X132 LINKCOM-LCCE-045X132 Datasheet
203Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100U360 LINKCOM-LCCH-100U360 Datasheet
147Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-013X721 LINKCOM-LCCE-013X721 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-017X501 LINKCOM-LCCE-017X501 Datasheet
105Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-052X132 LINKCOM-LCCE-052X132 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com