データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP20K400E データシート(PDF) 66 Page - Altera Corporation

部品番号 EP20K400E
部品情報  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTERA [Altera Corporation]
ホームページ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K400E データシート(HTML) 66 Page - Altera Corporation

Back Button EP20K400E Datasheet HTML 62Page - Altera Corporation EP20K400E Datasheet HTML 63Page - Altera Corporation EP20K400E Datasheet HTML 64Page - Altera Corporation EP20K400E Datasheet HTML 65Page - Altera Corporation EP20K400E Datasheet HTML 66Page - Altera Corporation EP20K400E Datasheet HTML 67Page - Altera Corporation EP20K400E Datasheet HTML 68Page - Altera Corporation EP20K400E Datasheet HTML 69Page - Altera Corporation EP20K400E Datasheet HTML 70Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 117 page
background image
66
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Figure 33. Relationship between VCCIO & VCCINT for 3.3-V PCI Compliance
Figure 34 shows the typical output drive characteristics of APEX 20K
devices with 3.3-V and 2.5-V VCCIO. The output driver is compatible with
the 3.3-V PCI Local Bus Specification, Revision 2.2 (when VCCIO pins are
connected to 3.3 V). 5-V tolerant APEX 20K devices in the -1 speed grade
are 5-V PCI compliant over all operating conditions.
Figure 34. Output Drive Characteristics of APEX 20K Device
Note (1)
Note to Figure 34:
(1)
These are transient (AC) currents.
3.0
3.1
3.3
VCCIO
3.6
2.3
2.5
2.7
VCCINT (V)
(V)
PCI-Compliant Region
VO Output Voltage (V)
IOL
IOH
IOH
V
V
VCCINT = 2.5
VCCIO = 2.5
Room Temperature
V
V
VCCINT = 2.5
VCCIO = 3.3
Room Temperature
12
3
10
20
30
50
60
40
70
80
90
VO Output Voltage (V)
12
3
10
20
30
50
60
40
70
80
90
IOL
O
Typical I
Output
Current (mA)
O
Typical I
Output
Current (mA)


同様の部品番号 - EP20K400E

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP20K400E ALTERA-EP20K400E Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K400E ALTERA-EP20K400E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K400E ALTERA-EP20K400E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K400E ALTERA-EP20K400E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K400E ALTERA-EP20K400E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

同様の説明 - EP20K400E

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com