データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQA10N80C-F109 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FQA10N80C-F109
部品情報  FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA10N80C-F109 データシート(HTML) 7 Page - Fairchild Semiconductor

  FQA10N80C-F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
FQA10N80C_F109 Rev. C1
www.fairchildsemi.com
7
Mechanical Dimensions
Dimension in Millimeters
TO-3PN 3L
Figure 16. 3LD, T03, Plastic, EIAJ SC-65
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT3P0-003


同様の部品番号 - FQA10N80C-F109

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
619Kb / 8P
   800V N-Channel MOSFET
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
799Kb / 9P
   800V N-Channel MOSFET
FQA10N80C FAIRCHILD-FQA10N80C Datasheet
806Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA10N80C ISC-FQA10N80C Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA10N80C FAIRCHILD-FQA10N80C_06 Datasheet
799Kb / 9P
   800V N-Channel MOSFET
More results

同様の説明 - FQA10N80C-F109

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com