データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF1404ZGPBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF1404ZGPBF
部品情報  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF1404ZGPBF データシート(HTML) 1 Page - International Rectifier

  IRF1404ZGPBF Datasheet HTML 1Page - International Rectifier IRF1404ZGPBF Datasheet HTML 2Page - International Rectifier IRF1404ZGPBF Datasheet HTML 3Page - International Rectifier IRF1404ZGPBF Datasheet HTML 4Page - International Rectifier IRF1404ZGPBF Datasheet HTML 5Page - International Rectifier IRF1404ZGPBF Datasheet HTML 6Page - International Rectifier IRF1404ZGPBF Datasheet HTML 7Page - International Rectifier IRF1404ZGPBF Datasheet HTML 8Page - International Rectifier IRF1404ZGPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
07/07/10
www.irf.com
1
HEXFET® Power MOSFET
VDSS = 40V
RDS(on) = 3.7mΩ
ID = 75A
This HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of
thisdesign area175°Cjunctionoperatingtemperature,
fast switching speed and improved repetitive
avalanche rating . These features combine to make
this design an extremely efficient and reliable device
for use in a wide variety of applications.
S
D
G
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
l
Halogen-Free
Features
IRF1404ZGPbF
TO-220AB
IRF1404ZGPbF
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
i
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.65
RθCS
Case-to-Sink, Flat Greased Surface
i
0.50
–––
RθJA
Junction-to-Ambient
i
–––
62
480
320
See Fig.12a, 12b, 15, 16
220
1.5
± 20
Max.
190
130
750
75
°C/W
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)
PD - 96236A


同様の部品番号 - IRF1404ZGPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF1404Z IRF-IRF1404Z Datasheet
306Kb / 12P
   Advanced Process Technology
IRF1404Z IRF-IRF1404Z Datasheet
329Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF1404Z KERSEMI-IRF1404Z Datasheet
4Mb / 12P
   AUTOMOTIVE MOSFET Advanced Process Technology
logo
International Rectifier
IRF1404Z IRF-IRF1404Z Datasheet
294Kb / 12P
   Advanced Process Technology
logo
Guangdong Kexin Industr...
IRF1404Z KEXIN-IRF1404Z Datasheet
2Mb / 6P
   N-Channel MOSFET
More results

同様の説明 - IRF1404ZGPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com