データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC0063W06031100K データシート(PDF) 7 Page - Analog Devices

部品番号 MC0063W06031100K
部品情報  EVAL-AD7903SDZ User Guide UG-609
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

MC0063W06031100K データシート(HTML) 7 Page - Analog Devices

Back Button MC0063W06031100K Datasheet HTML 3Page - Analog Devices MC0063W06031100K Datasheet HTML 4Page - Analog Devices MC0063W06031100K Datasheet HTML 5Page - Analog Devices MC0063W06031100K Datasheet HTML 6Page - Analog Devices MC0063W06031100K Datasheet HTML 7Page - Analog Devices MC0063W06031100K Datasheet HTML 8Page - Analog Devices MC0063W06031100K Datasheet HTML 9Page - Analog Devices MC0063W06031100K Datasheet HTML 10Page - Analog Devices MC0063W06031100K Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
EVAL-AD7903SDZ User Guide
UG-609
Rev. 0 | Page 7 of 32
EVALUATION BOARD SETUP PROCEDURES
The AD7903 evaluation board connects to the (EVAL-SDP-CB1Z)
system demonstration board. The EVAL-SDP-CB1Z board is
the controller board, which is the communication link between
the PC and the main evaluation board.
Figure 1 shows a photograph of the connections made between
the EVAL-AD7903SDZ daughter board and the EVAL-SDP-CB1Z
motherboard.
Connecting the Evaluation and SDP Boards to a PC
1. Install the AD7903 software. Ensure that the EVAL-SDP-CB1Z
board is disconnected from the USB port of the PC while
installing the software. The PC must be restarted after the
installation is complete.
2. Before connecting power, connect the 120-pin connector, J5,
of the EVAL-AD7903SDZ board to Connector J4 on the
EVAL-SDP-CB1Z board. Nylon screws are included in the
EVAL-AD7903SDZ evaluation kit and can be used to
ensure that the EVAL-AD7903SDZ and EVAL-SDP-CB1Z
boards are connected firmly together.
3. Connect the 9 V power supply adapter included in the kit
to the EVAL-SDP-CB1Z.
4. Connect the EVAL-SDP-CB1Z board to the PC via the
USB cable. (If you are using Windows® XP, you may need to
search for the EVAL-SDP-CB1Z drivers. Choose to auto-
matically search for the drivers for the EVAL-SDP-CB1Z
board if prompted by the operating system.)
Verifying the Board Connection
1. Allow the Found New Hardware Wizard to run after the
EVAL-SDP-CB1Z board is plugged into your PC. (If you
are using Windows XP, you may need to search for the
EVAL-SDP-CB1Z drivers. Choose to automatically search
for the drivers for the EVAL-SDP-CB1Z board if prompted
by the operating system.)
2. Check that the board is connected to the PC correctly
using the Device Manager of the PC.
a. Access the Device Manager as follows:
i. Right-click My Computer and then click Manage.
ii. A dialog box appears asking for permission to
allow the program to make changes to your
computer. Click Yes.
iii. The Computer Management box appears. From
the list of System Tools, click Device Manager.
b. Under ADI Development Tools, Analog Devices
System Development Platform SDP-B should appear
(see Figure 15), indicating that the EVAL-SDP-CB1Z
driver software is installed and that the board is
connected to the PC correctly.
Figure 15. Device Manager:
Checking that the Board Is Connected to the PC Correctly


同様の部品番号 - MC0063W06031100K

メーカー部品番号データシート部品情報
logo
C&K Components
MC00 CK-COMPONENTS-MC00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC000048 ETC2-MC000048 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000049 ETC2-MC000049 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
   USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
   USB 2.0 Micro B Male to C Male Cable 1m
More results

同様の説明 - MC0063W06031100K

メーカー部品番号データシート部品情報
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
   EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
UG-223 AD-UG-223 Datasheet
743Kb / 20P
   This user guide describes the EVAL-AD7193EBZ evaluation
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
   EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com