データシートサーチシステム |
|
LC015C データシート(PDF) 1 Page - Lineage Power Corporation |
|
LC015C データシート(HTML) 1 Page - Lineage Power Corporation |
1 / 24 page Data Sheet March 27, 2008 LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W The LC/LW010- and LC/LW015-Series Power Modules use advanced, surface-mount technology and deliver high-qual- ity, compact, dc-dc conversion at an economical price. Options n Remote on-off n Choice of on/off configuration n Short pin: 2.8 mm ± 0.25 mm (0.110 in. ± 0.010 in.) n Synchronization (cannot be ordered on units with remote on/off) n Output voltage adjust: 90% to 110% of VO, nom (single outputs only) n Tight output voltage tolerance Features n Low profile: 10.2 mm x 25.4 mm x 50.8 mm (0.4 in. x 1.0 in. x 2.0 in.) with standoffs (9.6 mm (0.38 in.) with standoffs recessed) n Wide input voltage range: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc n Output current limiting, unlimited duration n Output overvoltage clamp n Undervoltage lockout n Input-to-output isolation: 1500 V n Operating case temperature range: –40 °C to +105 °C n UL* 1950 Recognized, CSA† 22.2 No. 950-95 Certified, IEC950, and VDE0805 Licensed n CE mark meets 73/23/EEC and 93/68/EEC directives‡ n Within FCC and VDE Class A radiated limits Applications n Telecommunications n Distributed power architectures n Private branch exchange (PBX) n Voice and data multiplexing Description The L Single- and Dual-Output-Series Power Modules are low-profile, dc-dc converters that operate over an input voltage range of 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc and provide one or two precisely regulated out- puts. The outputs are isolated from the input, allowing versatile polarity configurations and grounding connec- tions. The modules have a maximum power rating of 10 W to 15 W and efficiencies of up to 84% for a 5 V output and 82% for a 3.3 V output. Built-in filtering for both input and output minimizes the need for external fil- tering. * UL is a registered trademark of Underwriters Laboratories, Inc. † CSA is a registered trademark of Canadian Standards Association. ‡ This product is intended for integration into end-use equipment. All the required procedures for CE marking of end-use equipment should be followed. (The CE mark is placed on selected products.) |
同様の部品番号 - LC015C |
|
同様の説明 - LC015C |