データシートサーチシステム |
|
LM108-N データシート(PDF) 6 Page - Texas Instruments |
|
LM108-N データシート(HTML) 6 Page - Texas Instruments |
6 / 22 page Absolute Maximum Ratings (Notes 2, 3) LM108RH LM108/LM108A Supply Voltage ±22V ±20V Power Dissipation (Note 4) Metal Can 8 LD 330mW @ +125˚C CERDIP 14LD 400mW @ +125˚C CERDIP 8LD 400mW @ +125˚C CERPACK 10LD 330mW @ +125˚C Ceramic SOIC 10 LD 330mW @ +125˚C Differential Input Current (Note 5) ±10 mA Differential Input Voltage(Note 7) ±30V N/A Input Voltage (Note 6) ±20V ±15V Output Short-Circuit Duration Continuous Operating Temperature Range −55˚C ≤ T A ≤ +125˚C Storage Temperature Range −65˚C ≤ T A ≤ +150˚C Thermal Resistance θ JA Metal Can 8 LD Still Air 500LF / Min Air Flow 150˚C/W 86˚C/W CERDIP 14LD Still Air 500LF / Min Air Flow 94˚C/W 55˚C/W CERDIP 8LD Still Air 500LF / Min Air Flow 120˚C/W 68˚C/W CERPACK 10LD Still Air 500LF / Min Air Flow 225˚C/W 142˚C/W Ceramic SOIC 10 LD Still Air 500LF / Min Air Flow 225˚C/W 142˚C/W θ JC Metal Can 8 LD 38˚C/W CERDIP 14LD 13˚C/W CERDIP 8LD 17˚C/W CERPACK 10LD 21˚C/W Ceramic SOIC 10 LD 21˚C/W Package Weight (typical) Metal Can 8 LD 990mg CERDIP 14LD 2,180mg CERDIP 8LD 1,090mg CERPACK 10LD 225mg Ceramic SOIC 10 LD 210mg Maximum Junction Teperature 175˚C 150˚C Lead Temperature (Soldering, 10 sec) 300˚C ESD Tolerance (Note 8) 2000V www.national.com 5 |
同様の部品番号 - LM108-N |
|
同様の説明 - LM108-N |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |