データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM108-N データシート(PDF) 2 Page - Texas Instruments

部品番号 LM108-N
部品情報  LM108/LM108AQML Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM108-N データシート(HTML) 2 Page - Texas Instruments

  LM108-N Datasheet HTML 1Page - Texas Instruments LM108-N Datasheet HTML 2Page - Texas Instruments LM108-N Datasheet HTML 3Page - Texas Instruments LM108-N Datasheet HTML 4Page - Texas Instruments LM108-N Datasheet HTML 5Page - Texas Instruments LM108-N Datasheet HTML 6Page - Texas Instruments LM108-N Datasheet HTML 7Page - Texas Instruments LM108-N Datasheet HTML 8Page - Texas Instruments LM108-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM108/LM108AQML
Operational Amplifiers
General Description
The LM108 is a precision operational amplifier having speci-
fications a factor of ten better than FET amplifiers over a
−55˚C to +125˚C temperature range.
The devices operate with supply voltages from ±2V to ±20V
and have sufficient supply rejection to use unregulated sup-
plies. Although the circuit is interchangeable with, and uses
the same compensation as the LM101A, an alternate com-
pensation scheme can be used to make it particularly insen-
sitive to power supply noise and to make supply bypass
capacitors unnecessary.
The low current error of the LM108 makes possible many
designs that are not practical with conventional amplifiers. In
fact, it operates from 10 M
Ω source resistances, introducing
less error than devices like the 709 with 10 k
Ω sources.
Integrators with drifts less than 500 µV/sec and analog time
delays in excess of one hour can be made using capacitors
no larger than 1 µF.
Features
n
Maximum input bias current of 3.0 nA over temperature
n
Offset current less than 400 pA over temperature
n
Supply current of only 300 µA, even in saturation
n
Guaranteed drift characteristics
Ordering Information
NS PART NUMBER
SMD PART NUMBER
NS PACKAGE NUMBER
PACKAGE DISCRIPTION
LM108AH/883
H08C
8LD Metal Can
LM108AJ-8/883
J08A
8LD CERDIP
LM108AJ/883
J14A
14LD CERDIP
LM108AWG/883
WG10A
10LD Ceramic SOIC
LM108AHRQML
5962R9863702QGA
100k rd(Si)
H08C
8LD Metal Can
LM108AHRQMLV
5962R9863702VGA
100k rd(Si)
H08C
8LD Metal Can
LM108AJ-8RQMLV
5962R9863702VPA
100k rd(Si)
J08A
8LD CERDIP
LM108AJRQML
5962R9863702QCA
100k rd(Si)
J14A
14LD CERDIP
LM108AJRQMLV
5962R9863702VCA
100k rd(Si)
J14A
14LD CERDIP
LM108AWGRQML
5962R9863702QZA
100k rd(Si)
WG10A
10LD Ceramic SOIC
LM108AWGRQMLV
5962R9863702VZA
100k rd(Si)
WG10A
10LD Ceramic SOIC
LM108AWRQML
5962R9863702QHA
100k rd(Si)
W10A
10LD CERPACK
LM108AWRQMLV
5962R9863702VHA
100k rd(Si)
W10A
10LD CERPACK
LM108H/883
H08C
8LD Metal Can
LM108J/883
J14A
14LD CERDIP
LM108J-8/883
J08A
8LD CERDIP
December 2005
© 2005 National Semiconductor Corporation
DS201206
www.national.com


同様の部品番号 - LM108-N

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM108-N TI1-LM108-N Datasheet
689Kb / 21P
[Old version datasheet]   Operational Amplifiers
LM108-N TI1-LM108-N_13 Datasheet
689Kb / 21P
[Old version datasheet]   Operational Amplifiers
More results

同様の説明 - LM108-N

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
logo
Rochester Electronics
LM108 ROCHESTER-LM108 Datasheet
337Kb / 4P
   OPERATIONAL AMPLIFIER Industry Part Number LM108
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com