データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDU1416S600 データシート(PDF) 1 Page - XP Power Limited

部品番号 LDU1416S600
部品情報  LED Driver LDU05/07/14 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU1416S600 データシート(HTML) 1 Page - XP Power Limited

  LDU1416S600 Datasheet HTML 1Page - XP Power Limited LDU1416S600 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
LED Driver
Constant Current Output
LED Drive Current up to 1000 mA
LED Strings from 2 V to 14 V
PWM & Analog Dimming Control
High Efficiency
up to 93%
Open or Short Circuit LED Protection
3 Year Warranty
LDU05/07/14 Series
Input
Input Voltage
• 7-16 VDC
Input Filter
• Capacitor
Input Surge
• 20 VDC for 0.5 s
Output
Output Voltage
• See tables
(Vin must be at least 2 V greater than Vout)
Output Current
• See tables
Output Current Trim
• 25-100%
Output Current
• See tables
Accuracy
Ripple & Noise
• See tables,
measured with 20 MHz bandwidth
Short Circuit Protection
• Current is limited to the rated output
Temperature
• ±0.03%/°C max
Coefficient
Remote On/Off
• On = 0.3-1.25 V or open circuit
Off = ≤0.15 V (applied to control pin)
Quiescent input current is 25 µA max,
Remote On/Off Signal
• 1 mA max
Current
Dimming
PWM
Output Current Range
• 25% to 100%
Operating Frequency
• 1 kHz max
On Time
• 200 ns min
Off Time
• 200 ns min
Amplitude
• 1.25 V max
DC Voltage Control
Output Current Range
• 25% to 100%
Control Input
• 0.3 to 1.25 V max
Variable Resistor
Output Current Range
• 25% to 100%
xppower.com
General
Efficiency
• See tables
Switching Frequency
• LDU05: 60-300 kHz variable
LDU07: 120-350 kHz variable
LDU14: 90-400 kHz variable
MTBF
• >3.3 MHrs to MIL-HDBK-217F at 25 °C,
GB
Environmental
Operating Temperature
• -40 °C to +85 °C except LDU14
1000 mA unit: -40 °C to +70 °C,
Storage Temperature
• -40 °C to +125 °C
Humidity
• Up to 95%, non-condensing
Thermal Impedance
• 35 °C/W model dependant
EMC
Emissions
• EN55022 class B conducted & radiated
with external components - see
application notes
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, level 2 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A


同様の部品番号 - LDU1416S600

メーカー部品番号データシート部品情報
logo
XP Power Limited
LDU08 XPPOWER-LDU08 Datasheet
339Kb / 4P
   LED Driver LDU Series
LDU0830S300 XPPOWER-LDU0830S300 Datasheet
339Kb / 4P
   LED Driver LDU Series
LDU0830S350 XPPOWER-LDU0830S350 Datasheet
339Kb / 4P
   LED Driver LDU Series
LDU0830S350-W XPPOWER-LDU0830S350-W Datasheet
339Kb / 4P
   LED Driver LDU Series
LDU0830S350-WD XPPOWER-LDU0830S350-WD Datasheet
339Kb / 4P
   LED Driver LDU Series
More results

同様の説明 - LDU1416S600

メーカー部品番号データシート部品情報
logo
Chicago Miniature Lamp,...
FX-107 CML-FX-107 Datasheet
1Mb / 8P
   SELECTIVE SIGNALLING DEVICES 07 SERIES
logo
Adels-Contact
114609 ADELS-114609 Datasheet
124Kb / 2P
   900-07/ 9
114611 ADELS-114611 Datasheet
124Kb / 2P
   900-07/11
logo
STMicroelectronics
L3916A STMICROELECTRONICS-L3916A_1 Datasheet
211Kb / 15P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
L3916A STMICROELECTRONICS-L3916A Datasheet
124Kb / 14P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
logo
Adels-Contact
114612 ADELS-114612 Datasheet
125Kb / 2P
   900-07/12
logo
Vectron International, ...
MQF10.7-2400-07 VECTRON-MQF10.7-2400-07 Datasheet
58Kb / 1P
   MQF10.7-2400-07
logo
Adels-Contact
114608 ADELS-114608 Datasheet
123Kb / 2P
   900-07/ 8
114606 ADELS-114606 Datasheet
121Kb / 2P
   900-07/ 6
114607 ADELS-114607 Datasheet
122Kb / 2P
   900-07/ 7
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com