データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP3057BDWR データシート(PDF) 7 Page - Texas Instruments

部品番号 TP3057BDWR
部品情報  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3057BDWR データシート(HTML) 7 Page - Texas Instruments

Back Button TP3057BDWR Datasheet HTML 3Page - Texas Instruments TP3057BDWR Datasheet HTML 4Page - Texas Instruments TP3057BDWR Datasheet HTML 5Page - Texas Instruments TP3057BDWR Datasheet HTML 6Page - Texas Instruments TP3057BDWR Datasheet HTML 7Page - Texas Instruments TP3057BDWR Datasheet HTML 8Page - Texas Instruments TP3057BDWR Datasheet HTML 9Page - Texas Instruments TP3057BDWR Datasheet HTML 10Page - Texas Instruments TP3057BDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TP3054B, TP3057B, TP13054B, TP13057B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS042A – MAY 1990 – REVISED JULY 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
filter gains and tracking errors
PARAMETER
TEST CONDITIONS‡
MIN
TYP†
MAX
UNIT
Maximum peak transmit overload level
TP3054B, TP13054B
3.17 dBm0
2.501
V
Maximum peak transmit overload level
TP3057B, TP13057B
3.14 dBm0
2.492
V
Transmit filter gain, absolute (at 0 dBm0)
TA = 25°C
– 0.15
0.15
dB
f = 16 Hz
–40
f = 50 Hz
–30
f = 60 Hz
–26
f = 200 Hz
– 1.8
– 0.1
Transmit filter gain relative to absolute
f = 300 Hz to 3000 Hz
– 0.15
0.15
dB
Transmit filter gain, relative to absolute
f = 3300 Hz
– 0.35
0.05
dB
f = 3400 Hz
– 0.8
0
f = 4000 Hz
–14
f
≥ 4600 Hz (measure response from
0 Hz to 4000 Hz)
–32
Absolute transmit gain variation with temperature and supply
voltage
Relative to absolute transmit gain
See Note 4
– 0.1
0.1
dB
Sinusoidal test method,
Reference level = –10 dBm0
Transmit gain tracking error with level
3 dBm0
≥ input level ≥ –40 dBm0
±0.2
dB
gg
– 40 dBm0 > input level
≥ –50 dBm0
±0.4
– 50 dBm0 > input level
≥ –55 dBm0
±0.8
Receive filter gain, absolute (at 0 dBm0)
Input is digital code sequence for
0 dBm0 signal,
TA = 25°C
– 0.15
0.15
dB
f = 0 Hz to 3000 Hz,
TA = 25°C
– 0.15
0.15
Receive filter gain relative to absolute
f = 3300 Hz
– 0.35
0.05
dB
Receive filter gain, relative to absolute
f = 3400 Hz
– 0.8
0
dB
f = 4000 Hz
–14
Absolute receive gain variation with temperature and supply
voltage
TA = full range,
See Note 4
– 0.1
0.1
dB
Sinusoidal test method; reference
input PCM code corresponds to an
ideally encoded – 10 dBm0 signal
Receive gain tracking error with level
3 dBm0
≥ input level ≥ –40 dBm0
±0.2
dB
– 40 dBm0 > input level
≥ –50 dBm0
±0.4
– 50 dBm0 > input level
≥ –55 dBm0
±0.8
Receive output drive voltage
RL = 10 kΩ
±2.5
V
Transmit and receive gain tracking error with level (A-law
Pseudo noise test method; reference
input PCM code corresponds to an
ideally encoded – 10 dBm0 signal
Transmit and receive gain tracking error with level (A-law,
CCITT C 712)
3 dBm0
≥ input level ≥ –40 dBm0
±0.25
dB
)
– 40 dBm0 > input level
≥ –50 dBm0
±0.3
– 50 dBm0 > input level
≥ –55 dBm0
±0.45
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
‡ Absolute rms signal levels are defined as follows: VI = 1.2276 V = 0 dBm0 = 4 dBm at f = 1.02 kHz with RL = 600 Ω.
NOTE 4: Full range for the TP3054B and TP3057B is 0
°C to 70°C. Full range for the TP13054B and TP13057B is –40°C to 85°C.


同様の部品番号 - TP3057BDWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TP3057BDW TI-TP3057BDW Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

同様の説明 - TP3057BDWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com