データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3117D2RHBT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3117D2RHBT
部品情報  15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3117D2RHBT データシート(HTML) 5 Page - Texas Instruments

  TPA3117D2RHBT Datasheet HTML 1Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 2Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 3Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 4Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 5Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 6Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 7Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 8Page - Texas Instruments TPA3117D2RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPA3117D2
www.ti.com
SLOS672 – OCTOBER 2010
PIN FUNCTIONS
PIN
I/O/P
DESCRIPTION
NAME
NUMBER
LINN
1
I
Negative audio input for left channel. Biased at 3V.
GAIN0
2
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
GAIN1
3
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
AVCC
4
P
Analog supply
AGND
5
Analog signal ground. Connect to the thermal pad.
REG_OUT
6
O
5V regulated output. Connect 2.2µF to AGND after the series 10
Ω resistor.
Power limit level adjust. Connect a resistor divider from REG_OUT to AGND to set power limit.
PLIMIT
7
I
Connect directly to REG_OUT for no power limit.
RINN
8
I
Negative audio input for right channel. Biased at 3V.
RINP
9
I
Positive audio input for right channel. Biased at 3V.
10, 12, 13,
NC
Not connected
28, 29
PBTL
11
I
Parallel BTL mode switch (low = BTL mode, high = PBTL mode)
Power supply for right channel H-bridge. Right channel and left channel power supply inputs are
PVCCR
14, 15
P
connected internally. PVCCR and PVCCL must be connected together on the PCB.
BSPR
16
I
Bootstrap I/O for right channel, positive high-side FET.
OUTPR
17
O
Class-D H-bridge positive output for right channel.
PGND
18
Power ground for the H-bridges.
OUTNR
19
O
Class-D H-bridge negative output for right channel.
BSNR
20
I
Bootstrap I/O for right channel, negative high-side FET.
BSNL
21
I
Bootstrap I/O for left channel, negative high-side FET.
OUTNL
22
O
Class-D H-bridge negative output for left channel.
PGND
23
Power ground for the H-bridges.
OUTPL
24
O
Class-D H-bridge positive output for left channel.
BSPL
25
I
Bootstrap I/O for left channel, positive high-side FET.
Power supply for left channel H-bridge. Right channel and left channel power supply inputs are
PVCCL
26, 27
P
connected internally. PVCCR and PVCCL must be connected together on the PCB.
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels
SD
30
I
with compliance to AVCC.
FSEL
31
I
Frequency select input pin (low = 300kHz, high = 400kHz)
LINP
32
I
Positive audio input for left channel. Biased at 3V.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPA3117D2


同様の部品番号 - TPA3117D2RHBT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results

同様の説明 - TPA3117D2RHBT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com