データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE02133-T1B データシート(PDF) 1 Page - California Eastern Labs

部品番号 NE02133-T1B
部品情報  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE02133-T1B データシート(HTML) 1 Page - California Eastern Labs

  NE02133-T1B Datasheet HTML 1Page - California Eastern Labs NE02133-T1B Datasheet HTML 2Page - California Eastern Labs NE02133-T1B Datasheet HTML 3Page - California Eastern Labs NE02133-T1B Datasheet HTML 4Page - California Eastern Labs NE02133-T1B Datasheet HTML 5Page - California Eastern Labs NE02133-T1B Datasheet HTML 6Page - California Eastern Labs NE02133-T1B Datasheet HTML 7Page - California Eastern Labs NE02133-T1B Datasheet HTML 8Page - California Eastern Labs NE02133-T1B Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NEC's NPN SILICON HIGH
FREQUENCY TRANSISTOR
NE021
SERIES
FEATURES
• HIGH INSERTION GAIN: 18.5 dB at 500 MHz
• LOW NOISE FIGURE: 1.5 dB at 500 MHz
• HIGH POWER GAIN: 12 dB at 2 GHz
• LARGE DYNAMIC RANGE: 19 dBm at 1 dB,
2 GHz Gain Compression
DESCRIPTION
NEC's NE021 series of NPN silicon transistors provides eco-
nomical solutions to wide ranges of amplifier and oscillator
problems. Low noise and high current capability provide low
intermodulation distortion. The NE021 series is available as a
chip or in several package styles. The series uses the NEC gold,
platinum, titanium, and platinum-silicide metallization system to
provide the utmost in reliability. NE02107 is available in both
common-base and common-emitter configurations and has
been qualified for high-reliability space applications.
00 (CHIP)
07/07B
35 (MICRO-X)
33 (SOT 23 STYLE)
39 (SOT 143 STYLE)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 10 V, IC = 20 mA
500
1.8
17.5
0.11
156
.20
1000
2.1
12.5
0.27
168
.16
1500
2.3
9.5
0.36
-156
.18
2000
2.6
7.5
0.43
-147
.21
NE02139
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 10 V, IC = 5 mA
500
1.2
18.60
.36
69
.14
1000
1.5
13.82
.31
124
.12
1500
2.0
11.83
.50
165
.05
2000
2.4
9.36
.44
-175
.06
2500
2.6
7.82
.52
-161
.10
3000
3.6
7.51
.68
-141
.14
3500
3.7
6.31
.71
-139
.21
VCE = 10 V, IC = 20 mA
500
1.8
21.32
.16
149
.15
1000
1.9
16.15
.33
169
.13
1500
2.4
13.50
.46
-179
.09
2000
2.9
11.02
.53
-167
.08
2500
3.2
9.12
.57
-154
.14
3000
3.9
8.10
.62
-139
.27
3500
4.3
6.48
.67
-134
.42
NE02135
TYPICAL NOISE PARAMETERS (TA = 25°C)
PLEASE NOTE:
PLEASE NOTE:
PLEASE NOTE:
PLEASE NOTE:
PLEASE NOTE:
The following part numbers from this datasheet are nonpromotive:
NE02100
NE02133
NE02139
The following part numbers from this datasheet are discontinued:
NE02107
NE02135
Please call sales office for details.
California Eastern Laboratories


同様の部品番号 - NE02133-T1B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
NE02133-T1B ETC-NE02133-T1B Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

同様の説明 - NE02133-T1B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGY1085A JMNIC-BGY1085A_15 Datasheet
56Kb / 8P
   1000 MHz, 18.5 dB gain push-pull amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com