データシートサーチシステム |
|
LM20157BUR データシート(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LM20157BUR データシート(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121830 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.DISPLAY-LEDS.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 2.00 inch 5x7 Square Dot Matrix LED Display LM20157A/B Series – 2.00 inch 5x7 Dot Matrix LED Display ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Features 53.10mm (2.00 inch) digit high Dot size: 6x6 mm Pitch: 7.62mm Wide viewing angle Range of emitted colors I.C. compatible Low power consumption White dot, grey or black face Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative dot color Alternative face Both CC and CA versions are available Cropped terminal pins RoHS compliant Package Dimensions 2.54×6=15.24 Ø0.60 1 1 2 3 4 5 6 7 2 34 5 COL. ROW 7.62×4=30.48 37.8(1.51 ) 6.0(0.24 ) Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. |
同様の部品番号 - LM20157BUR |
|
同様の説明 - LM20157BUR |