データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1-141-W データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 1-141-W
部品情報  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1-141-W データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  1-141-W Datasheet HTML 1Page - List of Unclassifed Manufacturers 1-141-W Datasheet HTML 2Page - List of Unclassifed Manufacturers 1-141-W Datasheet HTML 3Page - List of Unclassifed Manufacturers 1-141-W Datasheet HTML 4Page - List of Unclassifed Manufacturers 1-141-W Datasheet HTML 5Page - List of Unclassifed Manufacturers 1-141-W Datasheet HTML 6Page - List of Unclassifed Manufacturers 1-141-W Datasheet HTML 7Page - List of Unclassifed Manufacturers 1-141-W Datasheet HTML 8Page - List of Unclassifed Manufacturers 1-141-W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 282 page
background image
The unique construction of the CIN::APSE contact
provides superior mechanical and electrical performance.
It is constructed of randomly wound molybdenum wire that
is formed into a cyclindrical shape. Standard CIN::APSE
contact diameters are 0.020" and 0.040".
Mechanical
• Small form factor (0.020" diameter by 0.32" min. high)
• Low compression force (approx. 2.5 oz. min. per contact)
• Multiple beam structures
• Several points of contact per button
• Extremely lightweight
• Natural wiping action
Electrical
• Short signal path
• Very low inductance and resistance
• Signal integrity tested in the GHz range
Typical CIN::APSE Applications
• LGA package I/O to PC board (IC packages,
multi-chip modules)
• PC board to PC board (parallel processors,
enhancement/mezzanine cards)
• Flex circuit to PC board (rigid flex, harnessing)
• Flex circuit to ceramic (chip to harness)
The basic button contact
configuration consists of a single
button installed in our patented
“hourglass” design.
The hourglass cavity retains the
CIN::APSE contact securely.
Typically 0.003" protrudes from the
top and the bottom of the insulator.
Step 1:
Using alignment features,
position the CIN::APSE
connector between a LGA chip
package and PCB or two PCBs
that have matching footprints.
Step 2:
Add Z-Axis compression
and secure.
THE BUTTON CONTACT
CIN::APSE APPLIED
CIN::APSE®
High-Speed Interconnect Technology
1-2
Call Toll Free: 1 (800) 323-9612


同様の部品番号 - 1-141-W

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1-1410271-0 ETC2-1-1410271-0 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1-1410297-1 ETC2-1-1410297-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1-1410297-2 ETC2-1-1410297-2 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1-1410297-3 ETC2-1-1410297-3 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1-1410297-4 ETC2-1-1410297-4 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
More results

同様の説明 - 1-141-W

メーカー部品番号データシート部品情報
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com