データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12357CO データシート(PDF) 2 Page - LightKey Optoelectronics Ltd.

部品番号 LM12357CO
部品情報  LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12357CO データシート(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM12357CO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12357CO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12357CO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121815
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x7 Dot Matrix LED Display
Internal Circuit Diagram
Common Cathode Row
Common Anode Row
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM12357CR
LM12357DR
GaAlAs
Super Red
627
8
10
LM12357CD
LM12357DD
GaAlAs
Hi-Red
627
18
25
LM12357CO
LM12357DO
GaAsP
Orange
610
7
9
LM12357CY
LM12357DY
GaAsP
Yellow
588
8
10
LM12357CG
LM12357DG
GaP
Green
568
7
9
LM12357CUR
LM12357DUR
AlGaInP
Ultra Red
627
30
45
LM12357CUO
LM12357DUO
AlGaInP
Ultra Orange
610
45
60
LM12357CUA
LM12357DUA
AlGaInP
Ultra Amber
605
30
45
LM12357CUY
LM12357DUY
AlGaInP
Ultra Yellow
595
30
45
LM12357CUG
LM12357DUG
AlGaInP
Ultra Green
573
30
45
LM12357CPG
LM12357DPG
InGaN
Pure Green
525
120
300
LM12357CUB
LM12357DUB
InGaN
Ultra Blue
470
30
45
LM12357CUW
LM12357DUW
InGaN
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


同様の部品番号 - LM12357CO

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357AD LIGHTKEY-LM12357AD Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357AG LIGHTKEY-LM12357AG Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357AO LIGHTKEY-LM12357AO Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357APG LIGHTKEY-LM12357APG Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

同様の説明 - LM12357CO

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12157CDRG LIGHTKEY-LM12157CDRG Datasheet
245Kb / 3P
   LM12157C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM12257AB LIGHTKEY-LM12257AB Datasheet
133Kb / 3P
   LM12257A/B Series ??1.20 inch 5x7 Square Dot Matrix LED Display
LM12057EFRG LIGHTKEY-LM12057EFRG Datasheet
182Kb / 3P
   LM12057C/DRG Series -1.20 inch 5x7 Dual Color Dot Matrix LED Display
LM12288ABRG LIGHTKEY-LM12288ABRG Datasheet
152Kb / 3P
   LM1288A/BRG Series ??1.20 inch 5x7 Dual Color Square Dot Matrix LED Display
LM12088CD LIGHTKEY-LM12088CD Datasheet
265Kb / 3P
   LM12088C/D Series . 1.20 inch 8x8 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com