データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2115FJ-E2 データシート(PDF) 1 Page - Rohm

部品番号 BA2115FJ-E2
部品情報  Low Noise Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2115FJ-E2 データシート(HTML) 1 Page - Rohm

  BA2115FJ-E2 Datasheet HTML 1Page - Rohm BA2115FJ-E2 Datasheet HTML 2Page - Rohm BA2115FJ-E2 Datasheet HTML 3Page - Rohm BA2115FJ-E2 Datasheet HTML 4Page - Rohm BA2115FJ-E2 Datasheet HTML 5Page - Rohm BA2115FJ-E2 Datasheet HTML 6Page - Rohm BA2115FJ-E2 Datasheet HTML 7Page - Rohm BA2115FJ-E2 Datasheet HTML 8Page - Rohm BA2115FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.rohm.com
TSZ02201-0RAR1G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/26
31.OCT.2012 Rev.001
TSZ22111・14・00
Datasheet
Operational Amplifiers Series
Low Noise Operational Amplifiers
BA2107G, BA2115xxx
●General Description
BA2107/BA2115 are single and dual operational
amplifier with high gain and high slew rate(4v/µs).
BA2107/BA2115 has good performance of input
referred noise voltage(7
Hz
nV/
) and total harmonic
distortion(0.008%). These are suitable for Audio
applications.
●Features
 High voltage gain, low noise, low distortion
 Low input referred noise voltage
 Low distortion
 Wide operating supply voltage
 Internal ESD protection circuit
●Application
 Audio application
 Potable equipment
 Consumer electronics
●Packages
W(Typ.)xD(Typ.) xH(Max.)
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
MSOP8
2.90mm x 4.00mm x 0.90mm
●Key Specification
 Wide Operating Supply Voltage
(split supply):
±1.0V to ±7.0V
 Operating Temperature Range:
-40°C to +85°C
 High Slew Rate:
4V/µs(Typ.)
 Total Harmonic Distortion :
0.008%(Typ.)
 Input Referred Noise Voltage :
7
Hz
nV/
(Typ.)
●Block Diagrams
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
-IN
+IN
VOUT
VCC
VEE
Figure 1. Simplified schematic


同様の部品番号 - BA2115FJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA2115FJ-E2 ROHM-BA2115FJ-E2 Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
BA2115FJ-E2 ROHM-BA2115FJ-E2 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results

同様の説明 - BA2115FJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com