データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2904YFVM-MTR データシート(PDF) 3 Page - Rohm

部品番号 BA2904YFVM-MTR
部品情報  Automotive Ground Sense Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2904YFVM-MTR データシート(HTML) 3 Page - Rohm

  BA2904YFVM-MTR Datasheet HTML 1Page - Rohm BA2904YFVM-MTR Datasheet HTML 2Page - Rohm BA2904YFVM-MTR Datasheet HTML 3Page - Rohm BA2904YFVM-MTR Datasheet HTML 4Page - Rohm BA2904YFVM-MTR Datasheet HTML 5Page - Rohm BA2904YFVM-MTR Datasheet HTML 6Page - Rohm BA2904YFVM-MTR Datasheet HTML 7Page - Rohm BA2904YFVM-MTR Datasheet HTML 8Page - Rohm BA2904YFVM-MTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Datasheet
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200510-1-2
TSZ22111・15・001
3/26
26.SEP.2012 Rev.002
BA2904Yxxx-M, BA2902Yxx-M
●Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
Pd
SOP8
780
*1*6
mW
SSOP-B8
690
*2*6
MSOP8
590
*3*6
SOP14
610
*4*6
SSOP-B14
870
*5*6
Differential Input Voltage
*7
Vid
+36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3) to (VEE+36)
V
Operating Supply Voltage
Vopr
+3.0 to +32
(±1.5 to ±16)
V
Operating Temperature Range
Topr
-40 to +125
Storage Temperature Range
Tstg
-55 to +150
Maximum Junction Temperature
Tjmax
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature
environment may cause deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 6.2mW/℃.
*2
To use at temperature above Ta=25℃ reduce 5.5mW/℃.
*3
To use at temperature above Ta=25℃ reduce 4.8mW/℃.
*4
To use at temperature above Ta=25℃ reduce 7.0mW/℃.
*5
To use at temperature above Ta=25℃ reduce 4.9mW/℃.
*6
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*7
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.


同様の部品番号 - BA2904YFVM-MTR

メーカー部品番号データシート部品情報
logo
Rohm
BA2904YFVM-MTR ROHM-BA2904YFVM-MTR Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
More results

同様の説明 - BA2904YFVM-MTR

メーカー部品番号データシート部品情報
logo
Rohm
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com