データシートサーチシステム |
|
BA2902YFV-ME2 データシート(PDF) 10 Page - Rohm |
|
BA2902YFV-ME2 データシート(HTML) 10 Page - Rohm |
10 / 29 page Datasheet www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved. TSZ02201-0RAR1G200510-1-2 TSZ22111・15・001 10/26 26.SEP.2012 Rev.002 BA2904Yxxx-M, BA2902Yxx-M Fig.10 Output Sink Current – Ambient Temperature (VOUT=VCC) Fig.11 Low Level Sink Current – Supply Voltage (VOUT=0.2V) Fig.12 Low Level Sink Current – Ambient Temperature (VOUT=0.2V) Fig.13 Input Offset Voltage – Supply Voltage (Vicm=0V, VOUT=1.4V) ○BA2904Yxxx-M (*)The above data is measurement value of typical sample, it is not guaranteed. 0 10 20 30 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 0 10 20 30 40 50 60 70 80 -50 -25 0 255075 100 125 150 AMBIENT TEMPERATURE [℃] -8 -6 -4 -2 0 2 4 6 8 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 3V 5V 15V -40℃ 125℃ 25℃ 32V 5V 3V -40℃ 25℃ 125℃ |
同様の部品番号 - BA2902YFV-ME2 |
|
同様の説明 - BA2902YFV-ME2 |