データシートサーチシステム |
|
D-602-0278 データシート(PDF) 5 Page - Tyco Electronics |
|
D-602-0278 データシート(HTML) 5 Page - Tyco Electronics |
5 / 9 page Shielded Contacts 8-71 Catalog 1654025 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 12-04 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Japan: 81-44-900-5102 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Singapore: 65-4866-151 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-1793-528171 8 SolderTacts Shielded One-Piece Solder Contacts (Continued) Contact United States Cable Diameter Raychem Military Air Force Wire SolderTacts Size Polarity Cable Type Specification Drawing No. JOD SOD DOD COD (AWG) Part Number Series I, III, and IV M39029/60 a — 3.81–5.94 3.10–4.32 1.52–3.84 .48–1.09 22–24 D-602-0122 8 P Coaxial [.150-.234] [.150-.170] [.060-.151] [.019-.043] M39029/59 a — 3.81–5.94 3.10–4.32 1.52–3.84 .48–1.09 22–24 D-602-0123 8 S Coaxial [.150-.234] [.150-.170] [.060-.151] [.019-.043] M39029/76 a 915304-1 1.27–2.62 1.68–2.13 .91–1.73 .23–.58 26–30 D-602-0140 16 P Coaxial [.050-.103] [.066-.084] [.036-.068] [.009-.023] M39029/77 a 915305-1 1.27–2.62 1.68–2.13 .91–1.73 .23–.58 26–30 D-602-0141 16 S Coaxial [.050-.103] [.066-.084] [.036-.068] [.009-.023] M39029/76 a 915304-2 — — .64–1.09 .23–.58 26–30 D-602-0142 16 P Twisted pair [.025-.043] [.009-.023] M39029/77 a 915305-2 — — .64–1.09 .23–.58 26–30 D-602-0143 16 S Twisted pair [.025-.043] [.009-.023] M39029/28 a 915307-1 1.47–3.10 1.68–2.39 1.12–2.03 .48–.89 24–32 D-602-0144 12 P Coaxial [.058-.122] [.066-.094] [.044-.080] [.019-.035] M39029/75 a 915308-1 1.47–3.10 1.68–2.39 1.12–2.03 .48–.89 24–32 D-602-0145 12 S Coaxial [.058-.122] [.066-.094] [.044-.080] [.019-.035] M39029/28 a 915307-3 — — .74–1.45 .48–.89 22–26 D-602-0146 12 P Twisted pair [.029-.057] [.019-.035] M39029/75 a 915308-3 — — .74–1.45 .48–.89 22–26 D-602-0147 12 S Twisted pair [.029-.057] [.019-.035] M39029/28 a 915307-2 1.90–3.81 2.54–2.97 1.27–2.62 .48–.89 22, 28 D-602-0150 12 P Coaxial [.075-.150] [.100-.117] [.050-.103] [.019-.035] M39029/75 a 915308-2 1.90–3.81 2.54–2.97 1.27–2.62 .48–.89 22, 28 D-602-0151 12 S Coaxial [.075-.150] [.100-.117] [.050-.103] [.019-.035] — 8340712-OS-01 2.49–3.42 1.68–3.05 .76–1.24 .27–.79 24–26 D-602-1108 8 S Twisted pairb [.098-.135] [.066-.120] [.030-.049] [.011-.031] — 8340713-OS-01 2.49–3.42 1.68–3.05 .76–1.24 .27–.79 24–26 D-602-1109 8 P Twisted pairb [.098-.135] [.066-.120] [.030-.049] [.011-.031] —— 2.49–3.76 1.68–3.30 .91–1.78 .23–.89 22–26 D-602-1110 8 S Triaxial [.098-.148] [.066-.130] [.036-.070] [.009-.035] —— 2.49–3.76 1.68–3.30 .91–1.78 .23–.89 22–26 D-602-1111 8 P Triaxial [.098-.148] [.066-.130] [.036-.070] [.009-.035] — 8340712-OL-01 2.49–3.42 1.68–3.05 .76–1.24 .27–.79 24–26 D-602-1112 8 S Twisted pairb [.098-.135] [.066-.120] [.030-.049] [.011-.031] — 8340713-OL-01 2.49–3.42 1.68–3.05 .76–1.24 .27–.79 24–26 D-602-1113 8 P Twisted pairb [.098-.135] [.066-.120] [.030-.049] [.011-.031] M39029/90 a 8912020-OS-01 3.68 — .64–1.29 .27–.74 24–26 DK-602-0156-N-1 8 P Twinaxialc [.145 ] Max. [.029-.051] [.011-.029] M39029/90 a 8912020-DL-01 4.11 — .64–1.29 .27–.74 24–26 DK-602-0156-N-2 8 P Twinaxialc [.162] Max. [.029-.051] [.011-.029] a These SolderTacts contacts are intermateable and intermountable with contacts qualified to indicated specification; they replace crimp-style termination. b These SolderTacts contacts are designed for shielded twisted pair cable per MIL-STD-1553B. c These SolderTacts contacts are designed for databus contacts per MIL-STD-1553B. SolderTacts Product Construction, MIL-C-38999 Series Jacket (JOD) Shield (SOD) Dielectric (DOD) Conductor (COD) SolderTacts Series: MIL-C-38999, Series I, II, III, IV Circular Connectors |
同様の部品番号 - D-602-0278 |
|
同様の説明 - D-602-0278 |