データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2JTH5WNVX-TL データシート(PDF) 7 Page - Rohm

部品番号 BU2JTH5WNVX-TL
部品情報  High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2JTH5WNVX-TL データシート(HTML) 7 Page - Rohm

Back Button BU2JTH5WNVX-TL Datasheet HTML 3Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 4Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 5Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 6Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 7Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 8Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 9Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 10Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/10
07.Jan.2014.Rev.001
TSZ02201-0RBR0A300190-1-2
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU2JTH5WNVX
Datasheet
About power dissipation (Pd)
As for power dissipation, an approximate estimate of the heat reduction characteristics and internal power consumption of
IC are shown, so please use these for reference. Since power dissipation changes substantially depending on the
implementation conditions (board size, board thickness, metal wiring rate, number of layers and through holes, etc.), it is
recommended to measure Pd on a set board. Exceeding the power dissipation of IC may lead to deterioration of the original
IC performance, such as reduction in current capability. Therefore, be sure to prepare sufficient margin within power
dissipation for usage.
Calculation of the maximum internal power consumption of IC (PMAX)
PMAX=(VIN-VOUT)×IOUT(MAX.) (VIN: Input voltage
VOUT: Output voltage
IOUT(MAX): Maximum output current)
Measurement conditions
Standard ROHM Board
Evaluation Board 1
Layout of Board for
Measurement
IC
Implementation
Position
Top Layer (Top View)
Top Layer (Top View)
Bottom Layer (Top View)
Bottom Layer (Top View)
Measurement State
With board implemented (Wind speed 0 m/s)
With board implemented (Wind speed 0 m/s)
Board Material
Glass epoxy resin (Double-side board)
Glass epoxy resin (Double-side board)
Board Size
70 mm x 70 mm x 1.6 mm
40 mm x 40 mm x 1.6 mm
Wiring
Rate
Top layer
Metal (GND) wiring rate: Approx. 0%
Metal (GND) wiring rate: Approx. 50%
Bottom
layer
Metal (GND) wiring rate: Approx. 50%
Metal (GND) wiring rate: Approx. 50%
Through Hole
Diameter 0.5mm x 6 holes
Diameter 0.5mm x 25 holes
Power Dissipation
0.56W
0.39W
Thermal Resistance
θja=178.6°C/W
θja=256.4°C/W
* Please design the margin so that
PMAX becomes is than Pd (PMAX
<Pd)
within the usage temperature range
Figure 17. SSON004X1010
Power dissipation heat reduction characteristics (Reference)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
Ta [
℃]
0.56W
85
0.39W


同様の部品番号 - BU2JTH5WNVX-TL

メーカー部品番号データシート部品情報
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
More results

同様の説明 - BU2JTH5WNVX-TL

メーカー部品番号データシート部品情報
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com