データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1085CD データシート(PDF) 3 Page - Motorola, Inc

部品番号 TDA1085CD
部品情報  UNIVERSAL MOTOR SPEED CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TDA1085CD データシート(HTML) 3 Page - Motorola, Inc

  TDA1085CD Datasheet HTML 1Page - Motorola, Inc TDA1085CD Datasheet HTML 2Page - Motorola, Inc TDA1085CD Datasheet HTML 3Page - Motorola, Inc TDA1085CD Datasheet HTML 4Page - Motorola, Inc TDA1085CD Datasheet HTML 5Page - Motorola, Inc TDA1085CD Datasheet HTML 6Page - Motorola, Inc TDA1085CD Datasheet HTML 7Page - Motorola, Inc TDA1085CD Datasheet HTML 8Page - Motorola, Inc TDA1085CD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TDA1085C
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
CURRENT LIMITER
Limiter Current Gain — IPin 7/IPin 3
(IPin3 = – 300 µA)
Cg
130
180
250
Detection Threshold Voltage
IPin 3 = – 10 µA
VPin 3 TH
50
65
80
mV
FREQUENCY TO VOLTAGE CONVERTER
Input Signal “Low Voltage”
Input Signal “High Voltage”
Monitoring Reset Voltage
V12 L
V12 H
V12 R
–100
+100
5.0
mV
mV
V
Negative Clamping Voltage
IPin 12 = – 200 µA
– V12 CL
0.6
V
Input Bias Current
– IPin12
25
µA
Internal Current Source Gain
G
+
I
Pin 4
I
Pin 11
,V
Pin 4 +
V
Pin 11 +
0
G.0
9.5
11
Gain Linearity versus Voltage on Pin 4
(G8.6 = Gain for VPin 4 = 8.6 V)
V4 = 0 V
V4 = 4.3 V
V4 = 12 V
G/G8.6
1.04
1.015
0.965
1.05
1.025
0.975
1.06
1.035
0.985
Gain Temperature Effect (VPin 4 = 0)
TF
350
ppm/
°C
Output Leakage Current (IPin 11 = 0)
– IPin 4
0
100
nA
CONTROL AMPLIFIER
Actual Speed Input Voltage Range
VPin 4
0
13.5
V
Input Offset Voltage VPin 5 – VPin 4
(IPin 16 = 0, VPin 16 = 3.0 and 8.0 V)
Voff
0
50
mV
Amplifier Transconductance
(IPin 16/∆ (V5 – V4)
(IPin 16 = + and – 50 µA, VPin 16 = 3.0 V)
T
270
340
400
µA/V
Output Current Swing Capability
Source
Sink
IPin 16
– 200
50
– 100
100
– 50
200
µA
Output Saturation Voltage
V16 sat
0.8
V
TRIGGER PULSE GENERATOR
Synchronization Level Currents
Voltage Line Sensing
Triac Sensing
IPin 2
IPin 1
± 50
± 50
± 100
± 100
µA
Trigger Pulse Duration (CPin 14 = 47 nF, RPin 15 = 270 kΩ)
Tp
55
µs
Trigger Pulse Repetition Period, conditions as a.m.
TR
220
µs
Output Pulse Current VPin 13 = VCC – 4.0 V
– IPin 13
180
192
mA
Output Leakage Current VPin 13 = – 3.0 V
I13 L
30
µA
Full Angle Conduction Input Voltage
V14
11.7
V
Saw Tooth “High” Level Voltage
V14 H
12
12.7
V
Saw Tooth Discharge Current, IPin15 = 100 µA
IPin 14
95
105
µA


同様の部品番号 - TDA1085CD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TDA1085C ONSEMI-TDA1085C Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
TDA1085CG ONSEMI-TDA1085CG Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
More results

同様の説明 - TDA1085CD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TDA1085C ONSEMI-TDA1085C Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
   DC MOTOR SPEED CONTROLLER
logo
IXYS Corporation
AN-109 IXYS-AN-109 Datasheet
70Kb / 3P
   Variable-Speed Motor Controller
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
   DC MOTOR SPEED CONTROLLER
KA2402 SAMSUNG-KA2402 Datasheet
59Kb / 4P
   DC MOTOR SPEED CONTROLLER
S1A2402C01 SAMSUNG-S1A2402C01 Datasheet
48Kb / 4P
   DC MOTOR SPEED CONTROLLER
logo
SANYO DENKI CO., LTD.
PMM8713 SANYODENKI-PMM8713 Datasheet
859Kb / 4P
   UNIVERSAL CONTROLLER for Stepping Motor Driving
logo
Sanyo Semicon Device
LC7991 SANYO-LC7991 Datasheet
176Kb / 7P
   Constant-Speed DC Motor Controller
LC7991M SANYO-LC7991M Datasheet
178Kb / 7P
   Constant-Speed DC Motor Controller?
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com