データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7091RBCPZ-RL データシート(PDF) 5 Page - Analog Devices

部品番号 AD7091RBCPZ-RL
部品情報  1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7091RBCPZ-RL データシート(HTML) 5 Page - Analog Devices

  AD7091RBCPZ-RL Datasheet HTML 1Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 2Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 3Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 4Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 5Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 6Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 7Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 8Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD7091R
Rev. 0 | Page 5 of 20
TIMING SPECIFICATIONS
VDD = 2.75 V to 5.25 V, VDRIVE = 1.65 V to 5.25 V, TA = −40°C to +125°C, unless otherwise noted.1
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
50
MHz max
Frequency of serial read clock
t1
8
ns max
Delay from the end of a conversion until SDO three-state is disabled
t2
7
ns max
Data access time after SCLK falling edge
t3
0.4 tSCLK
ns min
SCLK high pulse width
t4
3
ns min
SCLK to data valid hold time
t5
0.4 tSCLK
ns min
SCLK low pulse width
t6
15
ns max
SCLK falling edge to SDO high impedance
t7
10
ns min
CONVST pulse width
t8
650
ns max
Conversion time
t9
6
ns min
CS low time before the end of a conversion
t10
18
ns max
Delay from
CS until SDO three-state is disabled
t11
8
ns min
CS high time before the end of a conversion
t12
8
ns min
Delay from the end of a conversion until
CS falling edge
t13
50
ms typ
Power-up time with internal reference2
100
µs max
Power-up time with external reference
tQUIET
50
ns min
Time between last SCLK edge and next CONVST pulse
1
Sample tested during initial release to ensure compliance.
2
With a 2.2 µF reference capacitor.


同様の部品番号 - AD7091RBCPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7091RBCPZ-RL AD-AD7091RBCPZ-RL Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBCPZ-RL7 AD-AD7091RBCPZ-RL7 Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
More results

同様の説明 - AD7091RBCPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com