データシートサーチシステム |
|
AD8028AR データシート(PDF) 4 Page - Analog Devices |
|
AD8028AR データシート(HTML) 4 Page - Analog Devices |
4 / 25 page AD8027/AD8028 Rev. C | Page 3 of 24 SPECIFICATIONS VS = ±5 V at TA = 25°C, RL = 1 kΩ to midsupply, G = 1, unless otherwise noted. Table 1. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE –3 dB Bandwidth G = 1, V O = 0.2 V p-p 138 190 MHz G = 1, V O = 2 V p-p 20 32 MHz Bandwidth for 0.1 dB Flatness G = 2, V O = 0.2 V p-p 16 MHz Slew Rate G = +1, V O = 2 V step/G = −1, VO = 2 V step 90/100 V/μs Settling Time to 0.1% G = 2, V O = 2 V step 35 ns NOISE/DISTORTION PERFORMANCE Spurious-Free Dynamic Range (SFDR) f C = 1 MHz, VO = 2 V p-p, RF = 24.9 Ω 120 dBc f C = 5 MHz, VO = 2 V p-p, RF = 24.9 Ω 80 dBc Input Voltage Noise f = 100 kHz 4.3 nV/√Hz Input Current Noise f = 100 kHz 1.6 pA/√Hz Differential Gain Error NTSC, G = 2, RL = 150 Ω 0.1 % Differential Phase Error NTSC, G = 2, RL = 150 Ω 0.2 Degrees Crosstalk, Output to Output G = 1, RL = 100 Ω, VOUT = 2 V p-p, VS = ±5 V @ 1 MHz −93 dB DC PERFORMANCE Input Offset Voltage SELECT = three-state or open, PNP active 200 800 μV SELECT = high NPN active 240 900 μV Input Offset Voltage Drift TMIN to TMAX 1.50 μV/°C Input Bias Current1 VCM = 0 V, NPN active 4 6 μA TMIN to TMAX 4 μA VCM = 0 V, PNP active −8 −11 μA TMIN to TMAX −8 μA Input Offset Current ±0.1 ±0.9 μA Open-Loop Gain V O = ±2.5 V 100 110 dB INPUT CHARACTERISTICS Input Impedance 6 MΩ Input Capacitance 2 pF Input Common-Mode Voltage Range −5.2 to +5.2 V Common-Mode Rejection Ratio VCM = ±2.5 V 90 110 dB SELECT PIN Crossover Low, Selection Input Voltage Three-state < ±20 μA −3.3 to +5 V Crossover High, Selection Input Voltage −3.9 to −3.3 V Disable Input Voltage −5 to −3.9 V Disable Switching Speed 50% of input to <10% of final V O 980 ns Enable Switching Speed 45 ns OUTPUT CHARACTERISTICS Output Overdrive Recovery Time (Rising/Falling Edge) V I = +6 V to −6 V, G = −1 40/45 ns Output Voltage Swing −VS + 0.10 +VS − 0.06, −VS + 0.06 +VS − 0.10 V Short-Circuit Output Sinking and Sourcing 120 mA Off Isolation V IN = 0.2 V p-p, f = 1 MHz, SELECT = low −49 dB Capacitive Load Drive 30% overshoot 20 pF POWER SUPPLY Operating Range 2.7 12 V Quiescent Current/Amplifier 6.5 8.5 mA Quiescent Current (Disabled) SELECT = low 370 500 μA Power Supply Rejection Ratio VS ± 1 V 90 110 dB 1 No sign or a plus sign indicates current into the pin; a minus sign indicates current out of the pin. |
同様の部品番号 - AD8028AR |
|
同様の説明 - AD8028AR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |